Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6120A2RGYT Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA6120A2RGYT
Description  High Fidelity Headphone Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6120A2RGYT Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPA6120A2RGYT Datasheet HTML 2Page - Texas Instruments TPA6120A2RGYT Datasheet HTML 3Page - Texas Instruments TPA6120A2RGYT Datasheet HTML 4Page - Texas Instruments TPA6120A2RGYT Datasheet HTML 5Page - Texas Instruments TPA6120A2RGYT Datasheet HTML 6Page - Texas Instruments TPA6120A2RGYT Datasheet HTML 7Page - Texas Instruments TPA6120A2RGYT Datasheet HTML 8Page - Texas Instruments TPA6120A2RGYT Datasheet HTML 9Page - Texas Instruments TPA6120A2RGYT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
-120
-100
-80
-60
-40
-20
0.001
0.01
0.1
1
P
O - Output Power - W
VCC = ± 5 V
VCC = ± 15V
C007
C007
-120
-100
-80
-60
-40
-20
0.001
0.01
0.1
1
P
O - Output Power - W
VCC = ± 5 V
VCC = ± 15V
C008
C008
-140
-120
-100
-80
-60
-40
-20
0
10
100
1k
10k
f - Frequency - Hz
VCC = ± 5 ; PO = 10mW
VCC = ± 5 ; PO = 20mW
VCC = ± 15 ; PO = 100 mW
VCC = ± 15 ; PO = 200 mW
C004
-120
-100
-80
-60
-40
-20
0.2
2
20
V
O - Output Voltage - VPP
VCC = ± 5 V
VCC = ± 15 V
C005
C005
-140
-120
-100
-80
-60
-40
-20
0
10
100
1k
10k
f - Frequency - Hz
VCC = ± 5 V ; VO = 3VPP
VCC = ± 5 V ; VO = 6VPP
VCC = ± 15 V; VO = 5VPP
VCC = ± 15 V ; VO = 10VPP
C001
-140
-120
-100
-80
-60
-40
-20
0
10
100
1k
10k
f - Frequency - Hz
VCC = ± 5 ; PO = 10mW
VCC = ± 5 ; PO = 20mW
VCC = ± 15 ; PO = 100mW
VCC = ± 15 ; PO = 200mW
C003
TPA6120A2
SLOS431B – MARCH 2004 – REVISED FEBRUARY 2015
www.ti.com
7.7 Typical Characteristics
RL = 10kΩ
Gain = 3V/V
RF = 2kΩ
RL = 64Ω
Gain = 3V/V
RF = 2kΩ
RI = 1kΩ
BW = 80kHz
RI = 1kΩ
BW = 80kHz
Figure 1. Total Harmonic Distortion + Noise versus
Figure 2. Total Harmonic Distortion + Noise versus
Frequency
Frequency
RL = 10kΩ
Gain = 3V/V
RF = 2kΩ
RL = 32Ω
Gain = 3V/V
RF = 2kΩ
RI = 1kΩ
BW = 80kHz
f = 1kHz
RI = 1kΩ
BW = 80kHz
Figure 4. Total Harmonic Distortion + Noise versus Output
Figure 3. Total Harmonic Distortion + Noise versus
Voltage
Frequency
RL = 64Ω
Gain = 3V/V
RF = 2kΩ
RL = 32Ω
Gain = 3V/V
RF = 2kΩ
RI = 1kΩ
BW = 80kHz
f = 1kHz
RI = 1kΩ
BW = 80kHz
f = 1kHz
Figure 5. Total Harmonic Distortion + Noise versus Output
Figure 6. Total Harmonic distortion + Noise versus Output
Power
Power
6
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: TPA6120A2


Numéro de pièce similaire - TPA6120A2RGYT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWP TI-TPA6120A2DWP Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWP TI-TPA6120A2DWP Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWP TI-TPA6120A2DWP Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
More results

Description similaire - TPA6120A2RGYT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
LME49600 TI1-LME49600 Datasheet
439Kb / 21P
[Old version datasheet]   High-Performance, High-Fidelity, High-Current Headphone Buffer
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
   Dual High Fidelity Audio Operational Amplifier
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
[Old version datasheet]   Dual High Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com