Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6120A2DWPRG4 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TPA6120A2DWPRG4
Description  High Fidelity Headphone Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6120A2DWPRG4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPA6120A2DWPRG4 Datasheet HTML 3Page - Texas Instruments TPA6120A2DWPRG4 Datasheet HTML 4Page - Texas Instruments TPA6120A2DWPRG4 Datasheet HTML 5Page - Texas Instruments TPA6120A2DWPRG4 Datasheet HTML 6Page - Texas Instruments TPA6120A2DWPRG4 Datasheet HTML 7Page - Texas Instruments TPA6120A2DWPRG4 Datasheet HTML 8Page - Texas Instruments TPA6120A2DWPRG4 Datasheet HTML 9Page - Texas Instruments TPA6120A2DWPRG4 Datasheet HTML 10Page - Texas Instruments TPA6120A2DWPRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
0
5
10
15
20
25
30
35
40
45
50
Po - Total Output Power - mW
Vcc = +/- 5 V; RL = 32
Vcc = +/- 5 V; RL = 64
Vcc = +/- 15 V; RL = 32
Vcc = +/- 15 V; RL = 64
C009
±90
±80
±70
±60
±50
±40
±30
±20
±10
0
10
100
1k
10k
f - Frequency - Hz
RL = 32
RL = 64
C011
-120
-110
-100
-90
-80
-70
-60
-50
-40
10
100
1k
10k
f - Frequency - Hz
VCC=5V, RL = 32
VCC=5V, RL = 64
VCC=15V, RL = 32
VCC=15V, RL = 64
C014
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Po - Total Output Power - W
Vcc = +/- 15 V; RL = 32
Vcc = +/- 15 V; RL = 64
C009
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Po - Total Output Power - W
Vcc = +/- 15 V; RL = 32
Vcc = +/- 15 V; RL = 64
C009
TPA6120A2
www.ti.com
SLOS431B – MARCH 2004 – REVISED FEBRUARY 2015
Typical Characteristics (continued)
Mono
VCC = ±15V
VCC = ±12V
V(ripple) = 1VPP
Gain = 2V/V
BW = 80kHz
Representative of both positive and negative supplies
Figure 7. Power Dissipation versus Output Power
Figure 8. Power Dissipation versus Total Output Power
VCC = ±5V
V(ripple) = 1VPP
Gain = 2V/V
RF = 1kΩ
Gain = 2V/V
BW = 80kHz
BW = 80kHz
Figure 9. Supply Voltage rejection Ratio versus Frequency
Figure 10. Crosstalk versus Frequency
Figure 11. Power Dissipation versus Power Output - 50mW Scale
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPA6120A2


Numéro de pièce similaire - TPA6120A2DWPRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6120A2DWPRG4 TI-TPA6120A2DWPRG4 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
More results

Description similaire - TPA6120A2DWPRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
LME49600 TI1-LME49600 Datasheet
439Kb / 21P
[Old version datasheet]   High-Performance, High-Fidelity, High-Current Headphone Buffer
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
   Dual High Fidelity Audio Operational Amplifier
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
[Old version datasheet]   Dual High Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com