Moteur de recherche de fiches techniques de composants électroniques |
|
TPA3110D2PWPR Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
TPA3110D2PWPR Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 34 page TPA3110D2 SLOS528E – JULY 2009 – REVISED NOVEMBER 2015 www.ti.com 7.6 DC Characteristics: 12 V TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Class-D output offset voltage (measured | VOS | VI = 0 V, Gain = 36 dB 1.5 15 mV differentially) ICC Quiescent supply current SD = 2 V, no load, PVCC = 12V 20 35 mA ICC(SD) Quiescent supply current in shutdown mode SD = 0.8 V, no load, PVCC = 12V 200 µA High Side 240 VCC = 12 V, IO = 500 mA, rDS(on) Drain-source on-state resistance m Ω TJ = 25°C Low side 240 GAIN0 = 0.8 V 19 20 21 GAIN1 = 0.8 V dB GAIN0 = 2 V 25 26 27 G Gain GAIN0 = 0.8 V 31 32 33 GAIN1 = 2 V dB GAIN0 = 2 V 35 36 37 tON Turn-on time SD = 2 V 14 ms tOFF Turn-off time SD = 0.8 V 2 μs GVDD Gate Drive Supply IGVDD = 2 mA 6.4 6.9 7.4 V Output Voltage maximum under PLIMIT VO V(PLIMIT) = 2 V; VI = 1 V rms 6.75 7.90 8.75 V control 7.7 AC Characteristics: 24 V TA = 25°C, VCC = 24 V, RL = 8 Ω (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT 200 mVPP ripple at 1 kHz, KSVR Power Supply ripple rejection –70 dB Gain = 20 dB, Inputs ac-coupled to AGND PO Continuous output power THD+N = 10%, f = 1 kHz, VCC = 16 V 15 W THD+N Total harmonic distortion + noise VCC = 16 V, f = 1 kHz, PO = 7.5 W (half-power) 0.1% 65 µV Vn Output integrated noise 20 Hz to 22 kHz, A-weighted filter, Gain = 20 dB –80 dBV Crosstalk VO = 1 Vrms, Gain = 20 dB, f = 1 kHz –100 dB Maximum output at THD+N < 1%, f = 1 kHz, SNR Signal-to-noise ratio 102 dB Gain = 20 dB, A-weighted fOSC Oscillator frequency 250 310 350 kHz Thermal trip point 150 °C Thermal hysteresis 15 °C 7.8 AC Characteristics: 12 V TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT 200 mVPP ripple from 20 Hz–1 kHz, KSVR Supply ripple rejection –70 dB Gain = 20 dB, Inputs ac-coupled to AGND PO Continuous output power THD+N = 10%, f = 1 kHz; VCC = 13 V 10 W THD+N Total harmonic distortion + noise RL = 8 Ω, f = 1 kHz, PO = 5 W (half-power) 0.06% 65 µV Vn Output integrated noise 20 Hz to 22 kHz, A-weighted filter, Gain = 20 dB –80 dBV Crosstalk Po = 1 W, Gain = 20 dB, f = 1 kHz –100 dB Maximum output at THD+N < 1%, f = 1 kHz, SNR Signal-to-noise ratio 102 dB Gain = 20 dB, A-weighted fOSC Oscillator frequency 250 310 350 kHz Thermal trip point 150 °C Thermal hysteresis 15 °C 6 Submit Documentation Feedback Copyright © 2009–2015, Texas Instruments Incorporated Product Folder Links: TPA3110D2 |
Numéro de pièce similaire - TPA3110D2PWPR |
|
Description similaire - TPA3110D2PWPR |