Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP300BIDCKR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP300BIDCKR
Description  Resistor-Programmable Temperature Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP300BIDCKR Fiches technique(HTML) 1 Page - Texas Instruments

  TMP300BIDCKR Datasheet HTML 1Page - Texas Instruments TMP300BIDCKR Datasheet HTML 2Page - Texas Instruments TMP300BIDCKR Datasheet HTML 3Page - Texas Instruments TMP300BIDCKR Datasheet HTML 4Page - Texas Instruments TMP300BIDCKR Datasheet HTML 5Page - Texas Instruments TMP300BIDCKR Datasheet HTML 6Page - Texas Instruments TMP300BIDCKR Datasheet HTML 7Page - Texas Instruments TMP300BIDCKR Datasheet HTML 8Page - Texas Instruments TMP300BIDCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
R
PULL-UP
210kW
(1)
R
SET
T
SET
OUT
V+
HYST
SET
V
TEMP
TMP300
3 A
m
Proportional
to T
A
NOTE: (1) Thinfilm resistor with approximately 10% accuracy;
however, this accuracy error is trimmed out at the factory.
1
2
3
6
5
4
V+
V
TEMP
HYST
SET
T
SET
GND
OUT
TMP300
DCK (SC70-6), DBV (SOT23-6)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMP300
SBOS335D – JUNE 2005 – REVISED JANUARY 2016
TMP300 1.8V, Resistor-Programmable Temperature Switch and
Analog Out Temperature Sensor in SC70
1 Features
3 Description
The TMP300 is a low-power, resistor-programmable,
1
Accuracy: ±1°C (Typical at +25°C)
digital output temperature switch. The device allows a
Programmable Trip Point
threshold point to be set by adding an external
Programmable Hysteresis: 5°C/10°C
resistor. Two levels of hysteresis are available. The
TMP300 has a VTEMP analog output that can be used
Open-Drain Outputs
as a testing point or in temperature-compensation
Low Power: 110
μA (Max)
loops.
Wide Voltage Range: +1.8V to +18V
With a supply voltage as low as 1.8V and low current
Temperature Range: –40°C to +125°C
consumption, the TMP300 is ideal for power-sensitive
Analog Out: 10mV/°C
systems.
SC70-6 and SOT23-6 Packages
Available in two micropackages that have proven
thermal characteristics, this part gives a complete and
2 Applications
simple solution for users who need simple and
reliable thermal management.
Power-supply Systems
DC-DC Modules
Device Information(1)
Thermal Monitoring
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Electronic Protection Systems
SOT-23 (6)
2.90 mm × 1.60 mm
TMP300
SC70 (6)
2.00 mm × 1.25 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - TMP300BIDCKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP300BIDCKR TI1-TMP300BIDCKR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
More results

Description similaire - TMP300BIDCKR

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
   1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP709 TI1-TMP709_15 Datasheet
704Kb / 15P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP708 TI1-TMP708 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP709-Q1 TI1-TMP709-Q1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
TMP708-Q1 TI1-TMP708-Q1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com