Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP431CDGKR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP431CDGKR
Description  Temperature Sensor
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431CDGKR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TMP431CDGKR Datasheet HTML 7Page - Texas Instruments TMP431CDGKR Datasheet HTML 8Page - Texas Instruments TMP431CDGKR Datasheet HTML 9Page - Texas Instruments TMP431CDGKR Datasheet HTML 10Page - Texas Instruments TMP431CDGKR Datasheet HTML 11Page - Texas Instruments TMP431CDGKR Datasheet HTML 12Page - Texas Instruments TMP431CDGKR Datasheet HTML 13Page - Texas Instruments TMP431CDGKR Datasheet HTML 14Page - Texas Instruments TMP431CDGKR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
SCL
SDA
THERM
DXP
DXN
V+
GND
ALERT/THERM2
ADC
Control Logic
Register Bank
Serial Interface
Oscillator
Voltage Regulator
Current Sources
Local
Temperature
Sensor
Signal
Conditioning
TMP431, TMP432
www.ti.com
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
8 Detailed Description
8.1 Overview
The TMP431 (two-channel) and TMP432 (three-channel) are digital temperature sensors that combine a local die
temperature measurement channel and a remote junction temperature measurement channel in a single
VSSOP-8 (TMP431) or VSSOP-10 (TMP432) package. They are Two-Wire- and SMBus interface-compatible
and are specified over a temperature range of –40°C to 125°C. The TMP43x contain multiple registers for
holding configuration information, temperature measurement results, temperature comparator maximum and
minimum limits, and status information. User-programmed high and low temperature limits stored in the TMP43x
can be used to trigger an overtemperature and undertemperature alarm (ALERT) on local and remote
temperatures. Additional thermal limits can be programmed into the TMP43x and used to trigger another flag
(THERM) that can be used to initiate a system response to rising temperatures.
For proper remote temperature sensing operation, the TMP431 requires only a transistor connected between
DXP and DXN; the TMP432 requires transistors conncected between DXP1 and DXN1, and between DXP2 and
DXN2.
The SCL and SDA interface pins require pullup resistors as part of the communication bus, while ALERT and
THERM are open-drain outputs that also need pullup resistors. ALERT and THERM may be shared with other
devices if desired for a wired-OR implementation. TI recommends a 0.1-
μF power-supply bypass capacitor for
good local bypassing.
8.2 Functional Block Diagram
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TMP431 TMP432


Numéro de pièce similaire - TMP431CDGKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP431CDGKR TI1-TMP431CDGKR Datasheet
956Kb / 40P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
More results

Description similaire - TMP431CDGKR

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
   Temperature sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
   Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
   TEMPERATURE SENSOR
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
   Temperature Sensor
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
   Temperature Sensor
logo
TRACO Electronic AG
TSP-TS TRACOPOWER-TSP-TS Datasheet
230Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
TBL-BC-TS1 TRACOPOWER-TBL-BC-TS1 Datasheet
219Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000 Datasheet
117Kb / 3P
   TEMPERATURE SENSOR
logo
Integrated Device Techn...
TS3001GB2A0 IDT-TS3001GB2A0 Datasheet
523Kb / 23P
   Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com