Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL7-CB-T-100 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce SL7-CB-T-100
Description  100-mm base with aluminum tube
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SL7-CB-T-100 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  SL7-CB-T-100 Datasheet HTML 1Page - List of Unclassifed Manufacturers SL7-CB-T-100 Datasheet HTML 2Page - List of Unclassifed Manufacturers SL7-CB-T-100 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
06/04/2015
171452 - HPL-ED2015 V12.0 EN
2 / 3
Contacts
Rated impulse withstand voltage
Uimp
V AC
4000
Rated insulation voltage
Ui
V
250
Overvoltage category/pollution degree
 
 
III/3
modules
Voltage levels
 
 
24 V AC/DC ± 10 %
110/120 V AC ± 10 %
230/240 V AC ± 10 %
Design￿verification￿as￿per￿IEC/EN￿61439
Technical data for design verification
 
 
 
Operating ambient temperature min.
 
°C
-30
Operating ambient temperature max.
 
°C
60
Technical￿data￿ETIM￿5.0
Low-voltage industrial components (EG000017) / Connection module for signal tower (EC001152)
Electric engineering, automation, process control engineering / Low-voltage switch technology / Command and alarm device / Signal column element, connection module (ecl@ss8-27-37-12-32
[AKF050010])
Connection type auxiliary circuit
 
 
Spring clamp connection
Tube mounting possible
 
 
Yes
Bracket mounting possible
 
 
Yes
Floor mounting possible
 
 
Yes
Colour
 
 
-
Suitable for AS interface
 
 
No
Approvals
Product Standards
 
 
IEC/EN 60947-5-1; UL 508; CSA-C22.2 No. 14-10; CSA-C22.2 No. 94-91; CE marking
UL File No.
 
 
E29184
UL Category Control No.
 
 
NKCR
CSA File No.
 
 
UL report applies to both US and Canada
CSA Class No.
 
 
NKCR7
North America Certification
 
 
UL listed, certified by UL for use in Canada
Degree of Protection
 
 
UL Type 4, 4X, 13


Numéro de pièce similaire - SL7-CB-T-100

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SL7-CB-100 ETC2-SL7-CB-100 Datasheet
162Kb / 3P
   100-mm base with aluminum tube and foot
More results

Description similaire - SL7-CB-T-100

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SL7-CB-100 ETC2-SL7-CB-100 Datasheet
162Kb / 3P
   100-mm base with aluminum tube and foot
SL7-FMS-100 ETC2-SL7-FMS-100 Datasheet
164Kb / 3P
   100-mm quick-mounting base with aluminum tube
logo
Schneider Electric
XVBZ02A SCHNEIDER-XVBZ02A Datasheet
98Kb / 3P
   FIXING BASE 80MM ALUMINUM SUPPORT TUBE
Aug 10, 2019
logo
PHOENIX CONTACT
2200902 PHOENIX-2200902 Datasheet
51Kb / 2P
   Panel mounting base, Lower part, Color: aluminum, Width: 100 mm
logo
List of Unclassifed Man...
SL7-100-L-RYG-24LED ETC2-SL7-100-L-RYG-24LED Datasheet
183Kb / 3P
   Complete 24-VLED 100-mm base
logo
PHOENIX CONTACT
2700152 PHOENIX-2700152 Datasheet
46Kb / 2P
   Tube, 45 mm long, 횠 25 mm, for direct tube mounting on the foldaway base
logo
API Technologies Corp
8330 APITECH-8330 Datasheet
665Kb / 1P
   Connector with 100 Base-TX Magnetics
logo
PHOENIX CONTACT
2200900 PHOENIX-2200900 Datasheet
50Kb / 2P
   Panel mounting base, Lower part, Color: aluminum, Width: 1000 mm
2200920 PHOENIX-2200920 Datasheet
51Kb / 2P
   Panel mounting base, Lower part, Color: aluminum, Width: 130 mm
2200922 PHOENIX-2200922 Datasheet
51Kb / 2P
   Panel mounting base, Lower part, Color: aluminum, Width: 200 mm
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com