Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD8N50NZ Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce FDD8N50NZ
Description  Uninterruptible Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8N50NZ Fiches technique(HTML) 8 Page - Fairchild Semiconductor

  FDD8N50NZ Datasheet HTML 1Page - Fairchild Semiconductor FDD8N50NZ Datasheet HTML 2Page - Fairchild Semiconductor FDD8N50NZ Datasheet HTML 3Page - Fairchild Semiconductor FDD8N50NZ Datasheet HTML 4Page - Fairchild Semiconductor FDD8N50NZ Datasheet HTML 5Page - Fairchild Semiconductor FDD8N50NZ Datasheet HTML 6Page - Fairchild Semiconductor FDD8N50NZ Datasheet HTML 7Page - Fairchild Semiconductor FDD8N50NZ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
©2010 Fairchild Semiconductor Corporation
FDD8N50NZ Rev. C1
www.fairchildsemi.com
8
TRADEMARKS
The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidiaries, and is not
intended to be an exhaustive list of all such trademarks.
*Trademarks of System General Corporation, used under license by Fairchild Semiconductor.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY
PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD’S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY
THEREIN, WHICH COVERS THESE PRODUCTS.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE
EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used here in:
1.
Life support devices or systems are devices or systems which, (a) are
intended for surgical implant into the body or (b) support or sustain life,
and (c) whose failure to perform when properly used in accordance with
instructions for use provided in the labeling, can be reasonably
expected to result in a significant injury of the user.
2.
A critical component in any component of a life support, device, or
system whose failure to perform can be reasonably expected to cause
the failure of the life support device or system, or to affect its safety or
effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
AccuPower™
AX-CAP®*
BitSiC™
Build it Now™
CorePLUS™
CorePOWER™
CROSSVOLT™
CTL™
Current Transfer Logic™
DEUXPEED®
Dual Cool™
EcoSPARK®
EfficentMax™
ESBC™
Fairchild®
Fairchild Semiconductor®
FACT Quiet Series™
FACT®
FAST®
FastvCore™
FETBench™
FPS™
F-PFS™
FRFET®
Global Power ResourceSM
GreenBridge™
Green FPS™
Green FPS™ e-Series™
Gmax™
GTO™
IntelliMAX™
ISOPLANAR™
Marking Small Speakers Sound Louder
and Better™
MegaBuck™
MICROCOUPLER™
MicroFET™
MicroPak™
MicroPak2™
MillerDrive™
MotionMax™
mWSaver®
OptoHiT™
OPTOLOGIC®
OPTOPLANAR®
PowerTrench®
PowerXS™
Programmable Active Droop™
QFET®
QS™
Quiet Series™
RapidConfigure™
Saving our world, 1mW/W/kW at a time™
SignalWise™
SmartMax™
SMART START™
Solutions for Your Success™
SPM®
STEALTH™
SuperFET®
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
SupreMOS®
SyncFET™
Sync-Lock™
®*
TinyBoost®
TinyBuck®
TinyCalc™
TinyLogic®
TINYOPTO™
TinyPower™
TinyPWM™
TinyWire™
TranSiC™
TriFault Detect™
TRUECURRENT®*
μSerDes™
UHC®
Ultra FRFET™
UniFET™
VCX™
VisualMax™
VoltagePlus™
XS™
®
Datasheet Identification
Product Status
Definition
Advance Information
Formative / In Design
Datasheet contains the design specifications for product development. Specifications
may change in any manner without notice.
Preliminary
First Production
Datasheet contains preliminary data; supplementary data will be published at a later
date. Fairchild Semiconductor reserves the right to make changes at any time without
notice to improve design.
No Identification Needed
Full Production
Datasheet contains final specifications. Fairchild Semiconductor reserves the right to
make changes at any time without notice to improve the design.
Obsolete
Not In Production
Datasheet contains specifications on a product that is discontinued by Fairchild
Semiconductor. The datasheet is for reference information only.
ANTI-COUNTERFEITING POLICY
Fairchild Semiconductor Corporation’s Anti-Counterfeiting Policy. Fairchild’s Anti-Counterfeiting Policy is also stated on our external website,
www.Fairchildsemi.com, under Sales Support.
Counterfeiting of semiconductor parts is a growing problem in the industry. All manufactures of semiconductor products are experiencing counterfeiting of their
parts. Customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substandard performance, failed
application, and increased cost of production and manufacturing delays. Fairchild is taking strong measures to protect ourselves and our customers from the
proliferation of counterfeit parts. Fairchild strongly encourages customers to purchase Fairchild parts either directly from Fairchild or from Authorized Fairchild
Distributors who are listed by country on our web page cited above. Products customers buy either from Fairchild directly or from Authorized Fairchild
Distributors are genuine parts, have full traceability, meet Fairchild’s quality standards for handing and storage and provide access to Fairchild’s full range of
up-to-date technical and product information. Fairchild and our Authorized Distributors will stand behind all warranties and will appropriately address and
warranty issues that may arise. Fairchild will not provide any warranty coverage or other assistance for parts bought from Unauthorized Sources. Fairchild is
committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors.
Rev. I66
tm
®


Numéro de pièce similaire - FDD8N50NZ

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
FDD8N50NZ ISC-FDD8N50NZ Datasheet
251Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD8N50NZTM FAIRCHILD-FDD8N50NZTM Datasheet
326Kb / 8P
   N-Channel UniFETTM II MOSFET?
FDD8N50NZTM FAIRCHILD-FDD8N50NZTM Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

Description similaire - FDD8N50NZ

FabricantNo de pièceFiches techniqueDescription
logo
Ultralife Corporation.
EL8000-UPS ULTRALIFE-EL8000-UPS Datasheet
3Mb / 2P
   Uninterruptible Power Supply
Rev 3
logo
IXYS Corporation
IXA37IF1200HJ IXYS-IXA37IF1200HJ Datasheet
150Kb / 6P
   Uninterruptible power supply
logo
Fairchild Semiconductor
FDD10N20LZ FAIRCHILD-FDD10N20LZ Datasheet
615Kb / 8P
   Uninterruptible Power Supply
logo
International Rectifier
IRLS3034-7PPBF IRF-IRLS3034-7PPBF_15 Datasheet
331Kb / 9P
   Uninterruptible Power Supply
logo
PHOENIX CONTACT
107563 PHOENIX-107563 Datasheet
925Kb / 34P
   Uninterruptible power supply
2018-05-02
logo
Murata Power Solutions ...
SP1650 MURATA-PS-SP1650 Datasheet
84Kb / 1P
   CATV Uninterruptible Power Supply
logo
PHOENIX CONTACT
2905909 PHOENIX-2905909 Datasheet
115Kb / 9P
   Uninterruptible power supply -TRIOUPS-
09/12/2020
2905908 PHOENIX-2905908 Datasheet
116Kb / 9P
   Uninterruptible power supply -TRIOUPS-
09/12/2020
logo
Omron Electronics LLC
BY75SW OMRON-BY75SW Datasheet
2Mb / 70P
   Uninterruptible Power Supply (UPS)
logo
Murata Power Solutions ...
SP1490 MURATA-PS-SP1490 Datasheet
67Kb / 1P
   Telephony / CATV Uninterruptible Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com