Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN48632UC33X Fiches technique(PDF) 11 Page - Fairchild Semiconductor

No de pièce FAN48632UC33X
Description  2.5 MHz, 2.0 A Pulsed-Load Synchronous TinyBoost
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN48632UC33X Fiches technique(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN48632UC33X Datasheet HTML 5Page - Fairchild Semiconductor FAN48632UC33X Datasheet HTML 6Page - Fairchild Semiconductor FAN48632UC33X Datasheet HTML 7Page - Fairchild Semiconductor FAN48632UC33X Datasheet HTML 8Page - Fairchild Semiconductor FAN48632UC33X Datasheet HTML 9Page - Fairchild Semiconductor FAN48632UC33X Datasheet HTML 10Page - Fairchild Semiconductor FAN48632UC33X Datasheet HTML 11Page - Fairchild Semiconductor FAN48632UC33X Datasheet HTML 12Page - Fairchild Semiconductor FAN48632UC33X Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN48632
• Rev. 1.0.3
11
Application Information
Output Capacitance (COUT)
Stability
The effective capacitance (CEFF) of small, high-value, ceramic
capacitors decreases as bias voltage increases.
FAN48632 is guaranteed for stable operation with the
minimum value of CEFF (CEFF(MIN)) of 14 F.
CEFF varies with manufacturer, material, and case size.
Inductor Selection
The recommended nominal inductance value is 0.47
H.
FAN48632 employs valley-current limiting; peak inductor
current can exceed4.4 A for a short duration during overload
conditions. Saturation effects cause the inductor current ripple
to become higher under high loading as only valley of the
inductor current ripple is controlled..
Startup
Input current limiting is in effect during soft-start, which limits
the current available to charge COUT and any additional
capacitance on the VOUT line. If the output fails to achieve
regulation within the limits described in the Startup section, a
FAULT occurs, causing the circuit to shut down then restart
after a significant time period. If the total combined output
capacitance is very high, the circuit may not start on the first
attempt, but eventually achieves regulation if no load is
present. If a high-current load and high capacitance are both
present during soft-start, the circuit may fail to achieve
regulation and continually attempts soft-start, only to have
the output capacitance discharged by the load when in a
FAULT state.
Output Voltage Ripple
Output voltage ripple is inversely proportional to COUT. During
tON, when the boost switch is on, all load current is supplied by
COUT. Output ripple is calculated as:
OUT
)
(
C
I
t
V
LOAD
ON
P
P
RIPPLE
and
EQ. 3


OUT
IN
SW
SW
ON
V
V
t
D
t
t
1
therefore:
EQ. 4
OUT
)
(
1
C
I
V
V
t
V
LOAD
OUT
IN
SW
P
P
RIPPLE


and
EQ. 5
SW
SW
f
t
1
EQ. 6
As can be seen from EQ. 5, the maximum VRIPPLE occurs
when VIN is at minimum and ILOAD is at maximum.
2.0 A Pulsed Loads for GSM Applications
The FAN48632 can support 2 A load pulses for GSM and
GSM Edge applications, according to the minimum VIN levels
shown in Figure 23.
Figure 23. Minimum VIN for 2 A GSM Pulse, 3.5 VOUT
Results shown use circuit/components of Figure 1
with device
mounted on standard evaluation platform (layout Figure 24).
Layout Recommendation
To minimize spikes at VOUT, COUT must be placed as close as
possible to PGND and VOUT, as shown in Figure 24. The
associated PGND and VOUT routes are best made directly on
the top copper layer, rather than thru vias.
For thermal reasons, it is suggested to maximize the pour
area for all planes other than SW. Especially the ground pour
should be set to fill all available PCB surface area and tied to
internal layers with a cluster of thermal vias.
Figure 24. Layout Recommendation


Numéro de pièce similaire - FAN48632UC33X

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN48632UC33X ONSEMI-FAN48632UC33X Datasheet
1Mb / 15P
   Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
April 2014 Rev. 1.0.3
More results

Description similaire - FAN48632UC33X

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN48695 ONSEMI-FAN48695 Datasheet
620Kb / 14P
   Synchronous Regulator, TINYBOOST, 2.5 MHz
March, 2020 ??Rev. 1
FAN48610 ONSEMI-FAN48610 Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
logo
Fairchild Semiconductor
FAN48610 FAIRCHILD-FAN48610 Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
logo
ON Semiconductor
FAN48632 ONSEMI-FAN48632 Datasheet
1Mb / 15P
   Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
April 2014 Rev. 1.0.3
FAN4860 ONSEMI-FAN4860 Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
FAN4868 ONSEMI-FAN4868 Datasheet
309Kb / 12P
   3 MHz, Synchronous TinyBoost Regulator
October, 2018 ??Rev. 3
logo
Fairchild Semiconductor
FAN48630 FAIRCHILD-FAN48630 Datasheet
1Mb / 15P
   2.5 MHz, 1500 mA, Synchronous TinyBoost??Regulator with Bypass Mode
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
January, 2010 ??Rev. 0
NCP5252 ONSEMI-NCP5252_12 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
July, 2012 ??Rev. 4
NCP1597A ONSEMI-NCP1597A Datasheet
350Kb / 13P
   1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com