Moteur de recherche de fiches techniques de composants électroniques |
|
LM4040B82IDBZR Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
LM4040B82IDBZR Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 53 page LM4040A10, LM4040A20 www.ti.com SLOS456M – JANUARY 2005 – REVISED JANUARY 2015 7 Specifications 7.1 Absolute Maximum Ratings over free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT IZ Continuous cathode current –10 25 mA TJ Operating virtual junction temperature 150 °C Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditionsis not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 7.2 ESD Ratings VALUE UNIT Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1) ±2000 V(ESD) Electrostatic discharge V Charged device model (CDM), per JEDEC specification JESD22-C101, ±1000 all pins(2) (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 7.3 Recommended Operating Conditions MIN MAX UNIT IZ Cathode current (1) 15 mA LM4040xxxI –40 85 TA Free-air temperature °C LM4040xxxQ –40 125 (1) See parametric tables 7.4 Thermal Information LM4040xxx THERMAL METRIC(1) DBZ DCK UNIT 3 PINS 5 PINS RθJA Junction-to-ambient thermal resistance 206 252 °C/W (1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953). Copyright © 2005–2015, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: LM4040A10 LM4040A20 |
Numéro de pièce similaire - LM4040B82IDBZR |
|
Description similaire - LM4040B82IDBZR |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |