Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIC6B273 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPIC6B273
Description  Eight Power DMOS-Transistor Outputs of 150-mA Continuous Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC6B273 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPIC6B273 Datasheet HTML 6Page - Texas Instruments TPIC6B273 Datasheet HTML 7Page - Texas Instruments TPIC6B273 Datasheet HTML 8Page - Texas Instruments TPIC6B273 Datasheet HTML 9Page - Texas Instruments TPIC6B273 Datasheet HTML 10Page - Texas Instruments TPIC6B273 Datasheet HTML 11Page - Texas Instruments TPIC6B273 Datasheet HTML 12Page - Texas Instruments TPIC6B273 Datasheet HTML 13Page - Texas Instruments TPIC6B273 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPIC6B273DWR
SOIC
DW
20
2000
330.0
24.4
10.8
13.3
2.7
12.0
24.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
4-Jan-2013
Pack Materials-Page 1


Numéro de pièce similaire - TPIC6B273

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC6B273 TI-TPIC6B273 Datasheet
130Kb / 9P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
TPIC6B273DW TI-TPIC6B273DW Datasheet
130Kb / 9P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
TPIC6B273N TI-TPIC6B273N Datasheet
130Kb / 9P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
More results

Description similaire - TPIC6B273

FabricantNo de pièceFiches techniqueDescription
logo
SL Power Electronics
GPM55 SLPOWER-GPM55 Datasheet
91Kb / 2P
   55 Watts Maximum Continuous Power - Total of all Outputs.
logo
STMicroelectronics
LDLN015 STMICROELECTRONICS-LDLN015 Datasheet
1Mb / 18P
   150 mA guaranteed output current
January 2015 Rev 3
LD39115J STMICROELECTRONICS-LD39115J Datasheet
429Kb / 21P
   150 mA guaranteed output current
January 2014 Rev 6
logo
Infineon Technologies A...
TLE94108ES INFINEON-TLE94108ES Datasheet
1Mb / 76P
   Eight half bridge power outputs
Data Sheet 1.0 2020-09-29
logo
Texas Instruments
LP3996-Q1 TI1-LP3996-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996-Q1 TI1-LP3996-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
logo
List of Unclassifed Man...
SM6525 ETC1-SM6525 Datasheet
27Kb / 1P
   25 mA - 150 mA Forward Current 70 ns Recovery Time
logo
Texas Instruments
LP3996 TI-LP3996_15 Datasheet
1Mb / 22P
[Old version datasheet]   LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996 TI1-LP3996 Datasheet
1Mb / 22P
[Old version datasheet]   LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
logo
ON Semiconductor
NCP4684EMX33TCG ONSEMI-NCP4684EMX33TCG Datasheet
336Kb / 18P
   150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com