Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ULN2064B Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce ULN2064B
Description  50 V - 1.5 A quad Darlington switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN2064B Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button ULN2064B Datasheet HTML 2Page - STMicroelectronics ULN2064B Datasheet HTML 3Page - STMicroelectronics ULN2064B Datasheet HTML 4Page - STMicroelectronics ULN2064B Datasheet HTML 5Page - STMicroelectronics ULN2064B Datasheet HTML 6Page - STMicroelectronics ULN2064B Datasheet HTML 7Page - STMicroelectronics ULN2064B Datasheet HTML 8Page - STMicroelectronics ULN2064B Datasheet HTML 9Page - STMicroelectronics ULN2064B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
ULN2064B, ULN2066B, ULN2068B, ULN2074B
6/14
4
Electrical characteristics
Note:
Input voltage is with reference to the substrate (no connection to any other pins) for the
ULN2074B reference is ground for all other types.
Note:
1
Input current may be limited by maximum allowable input voltage.
Table 3.
Electrical characteristics (TA = 25 °C unless otherwise specified).
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
ICEX
Output leakage current
(Figure 5)
VCE = 50V, TA = 25°C
100
µA
VCE = 50V, TA = 70°C
500
VCE(SUS)
Collector-emitter sustaining
voltage (Figure 4)
IC = 100mA, VI = 0.4V
35
V
VCE(SAT)
Collector-emitter saturation
voltage (Figure 5)
IC = 500mA, IB = 325µA
1.1
V
IC = 750mA, IB = 935µA
1.2
IC = 1A, IB = 1.25mA
1.3
IC = 1.25A, IB = 2mA
1.4
II(ON)
Input current (Figure 6)
for ULN2064B and ULN2074B
VI = 2.4V
VI = 3.75V
1.4
3.3
4.3
9.6
mA
for ULN2066B,
VI = 5V
VI = 12V
0.6
1.7
1.8
5.2
for ULN2068B,
VI = 2.75V
VI = 3.75V
0.55
1.0
VI(ON)
Input voltage (Figure 7)
VCE= 2V, IC = 1A
ULN2064B, ULN2074B,
ULN2066B
VCE= 2V, IC = 1.5A
ULN2064B, ULN2074B,
ULN2066B
ULN2068B
2
6.5
2.5
10
2.75
V
IS
Supply current (Figure 10)
for ULN2068B, VI = 2.75V,
IC = 500mA
6mA
tPLH
Turn-on delay time
0.5 VI to 0.5VO
1µs
tPHL
Turn-off delay time
0.5 VI to 0.5VO
1.5
µs
IR
Clamp diode leakage current
(Figure 8)
For ULN2064B - ULN2066B -
ULN2068B, VR = 50V
TA = 25°C
TA = 70°C
50
100
µA
VF
Clamp diode forward voltage
(Figure 9)
For ULN2064B - ULN2066B -
ULN2068B
IF = 1A
IF = 1.5A
1.75
2
V


Numéro de pièce similaire - ULN2064B

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ULN2064B STMICROELECTRONICS-ULN2064B Datasheet
98Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
logo
Allegro MicroSystems
ULN2064B ALLEGRO-ULN2064B Datasheet
203Kb / 12P
   QUAD 1.5 A DARLINGTON SWITCHES
logo
STMicroelectronics
ULN2064B STMICROELECTRONICS-ULN2064B Datasheet
1,009Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
ULN2064B-ULN2066B STMICROELECTRONICS-ULN2064B-ULN2066B Datasheet
98Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
ULN2064B STMICROELECTRONICS-ULN2064B_03 Datasheet
1,009Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
More results

Description similaire - ULN2064B

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ULN2065B STMICROELECTRONICS-ULN2065B Datasheet
827Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
ULN2065B-ULN2067B STMICROELECTRONICS-ULN2065B-ULN2067B Datasheet
133Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
logo
Allegro MicroSystems
2064 ALLEGRO-2064 Datasheet
203Kb / 12P
   QUAD 1.5 A DARLINGTON SWITCHES
logo
Motorola, Inc
ULN2068 MOTOROLA-ULN2068 Datasheet
125Kb / 6P
   QUAD 1.5 A DARLINGTON SWITCH
logo
Allegro MicroSystems
ULS-2064H ALLEGRO-ULS-2064H Datasheet
1Mb / 12P
   1.25 A QUAD DARLINGTON SWITCHES
logo
STMicroelectronics
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
   QUAD DARLINGTON SWITCHES
ULN2064B STMICROELECTRONICS-ULN2064B_03 Datasheet
1,009Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
logo
Allegro MicroSystems
2878 ALLEGRO-2878 Datasheet
222Kb / 8P
   QUAD HIGH-CURRENT DARLINGTON SWITCHES
logo
STMicroelectronics
ULN2064B-ULN2066B STMICROELECTRONICS-ULN2064B-ULN2066B Datasheet
98Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
logo
Analog Devices
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com