Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2903VQPWRQ1 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM2903VQPWRQ1
Description  Dual Differential Comparators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2903VQPWRQ1 Fiches technique(HTML) 1 Page - Texas Instruments

  LM2903VQPWRQ1 Datasheet HTML 1Page - Texas Instruments LM2903VQPWRQ1 Datasheet HTML 2Page - Texas Instruments LM2903VQPWRQ1 Datasheet HTML 3Page - Texas Instruments LM2903VQPWRQ1 Datasheet HTML 4Page - Texas Instruments LM2903VQPWRQ1 Datasheet HTML 5Page - Texas Instruments LM2903VQPWRQ1 Datasheet HTML 6Page - Texas Instruments LM2903VQPWRQ1 Datasheet HTML 7Page - Texas Instruments LM2903VQPWRQ1 Datasheet HTML 8Page - Texas Instruments LM2903VQPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
IN+
IN−
OUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM2903-Q1
SLCS141E – MAY 2003 – REVISED JULY 2014
LM2903-Q1 Dual Differential Comparators
1 Features
2 Applications
1
Qualified for Automotive Applications
Automotive
AEC-Q100 Qualified with the Following Results:
HEV/EV & Power Train
Device Temperature Grade 1: –40°C to 125°C
Infotainment & Cluster
Ambient Operating Temperature Range
Body Control Module
Device HBM ESD Classification Level H1C
Industrial
Device CDM ESD Classification Level C4B
Power supervision
ESD Protection Exceeds 1000 V Per
Oscillator
MIL-STD-883, Method 3015; Exceeds 100 V
Peak Detector
Using Machine Model (C = 200 pF, R = 0
Ω)
Logic Voltage Translation
Single Supply or Dual Supplies
Low Supply-Current Drain Independent of
3 Description
Supply Voltage 0.4 mA Typ Per
This device consists of two independent voltage
Comparator
comparators that are designed to operate from a
single power supply over a wide range of voltages.
Low Input Bias Current 25 nA Typ
Operation from dual supplies is possible, as long as
Low Input Offset Current 5 nA Typ
the difference between the two supplies is 2 V to 36
Low Input Offset Voltage 2 mV Typ
V, and VCC is at least 1.5 V more positive than the
Common-Mode Input Voltage Range Includes
input
common-mode
voltage.
Current
drain
is
independent of the supply voltage. The outputs can
Ground
be connected to other open-collector outputs to
Differential Input Voltage Range Equal to
achieve wired-AND relationships.
Maximum-Rated Supply Voltage ±36 V
Low Output Saturation Voltage
Device Information(1)
Output Compatible With TTL, MOS, and CMOS
PART NUMBER
PACKAGE
BODY SIZE (NOM)
VSSOP(8)
3.00 mm x 3.00 mm
LM2903-Q1
SOIC (8)
4.90 mm × 3.91 mm
TSSOP (8)
3.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - LM2903VQPWRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2903VQPWRQ1 TI1-LM2903VQPWRQ1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903VQPWRQ1 TI1-LM2903VQPWRQ1 Datasheet
216Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903VQPWRQ1 TI1-LM2903VQPWRQ1 Datasheet
216Kb / 9P
[Old version datasheet]   LM2903-Q1 DUAL DIFFERENTIAL COMPARATORS
LM2903VQPWRQ1 TI1-LM2903VQPWRQ1 Datasheet
428Kb / 18P
[Old version datasheet]   LM2903-Q1 Dual Differential Comparators
LM2903VQPWRQ1 TI1-LM2903VQPWRQ1 Datasheet
1Mb / 23P
[Old version datasheet]   Automotive Dual Differential Comparators
More results

Description similaire - LM2903VQPWRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
TL393CD TI-TL393CD Datasheet
264Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
NCV2903VDR2G TI-NCV2903VDR2G Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
TLV1393 TI-TLV1393 Datasheet
254Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI-LM193 Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
logo
Wing Shing Computer Com...
LM393 WINGS-LM393 Datasheet
79Kb / 3P
   Dual Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com