Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDFN33-12 Fiches technique(PDF) 3 Page - Skyworks Solutions Inc.

No de pièce TDFN33-12
Description  thermal shutdown protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

TDFN33-12 Fiches technique(HTML) 3 Page - Skyworks Solutions Inc.

  TDFN33-12 Datasheet HTML 1Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 2Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 3Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 4Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 5Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 6Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 7Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 8Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AAT4685
Over-Voltage Protection Switch with OCP and BOVP
DATA SHEET
3
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201960A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 16, 2012
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions
specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on a FR4 board.
3. Derate 25mW/°C above 25°C.
Absolute Maximum Ratings1
Symbol
Description
Value
Units
VIN
IN to GND
-0.3 to 28
V
VN
BOVP, OVP , OCP, OUT , IC to GND
-0.3 to VP +0.3
V
VP
FLT, EN, POK to GND
-0.3 to 7.5
V
IMAX
Maximum Continuous Switch Current
1.9
A
TJ
Operating Junction Temperature Range
-40 to 150
°C
TS
Storage Temperature Range
-65 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
Thermal Characteristics
Symbol
Description
Value
Units
JA
Maximum Thermal Resistance2
50
C/W
PD
Maximum Power Dissipation2, 3
2W


Numéro de pièce similaire - TDFN33-12

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
TDFN33-12 SKYWORKS-TDFN33-12 Datasheet
1Mb / 17P
   Over-Voltage Protection Switch with OCP and BOVP
More results

Description similaire - TDFN33-12

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
LR1198G-AE5-X-R UTC-LR1198G-AE5-X-R Datasheet
170Kb / 4P
   Thermal Shutdown Protection
logo
STMicroelectronics
A21SP16 STMICROELECTRONICS-A21SP16 Datasheet
862Kb / 37P
   Thermal shutdown protection
March 2014 Rev 1
logo
Dialog Semiconductor
SLG59M1735C DIALOG-SLG59M1735C Datasheet
542Kb / 16P
   Thermal Shutdown Protection
logo
Unisonic Technologies
UD05021G-AF5-R UTC-UD05021G-AF5-R Datasheet
370Kb / 7P
   Thermal Shutdown Protection
logo
Dialog Semiconductor
SLG59M1714V DIALOG-SLG59M1714V Datasheet
358Kb / 18P
   Thermal Shutdown Protection
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
   Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
logo
STMicroelectronics
VN800PS-E STMICROELECTRONICS-VN800PS-E Datasheet
305Kb / 27P
   Thermal shutdown protection and diagnosis
logo
Texas Instruments
TLV705 TI1-TLV705_16 Datasheet
1Mb / 33P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
TLV702 TI1-TLV702_16 Datasheet
1Mb / 31P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
logo
STMicroelectronics
STBP120 STMICROELECTRONICS-STBP120 Datasheet
806Kb / 36P
   Overvoltage protection device with thermal shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com