Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC1F265G7 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce LC1F265G7
Description  265 A - coil 120 V AC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

LC1F265G7 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  LC1F265G7 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC1F265G7 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC1F265G7 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC1F265G7 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Nov 3, 2015
1
Product data sheet
Characteristics
LC1F265G7
TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V
265 A - coil 120 V AC
Product availability: Stock - Normally stocked in distribution facility
 


Numéro de pièce similaire - LC1F265G7

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
LC1F265G7 SCHNEIDER-LC1F265G7 Datasheet
155Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 265 A - coil 120 V AC
More results

Description similaire - LC1F265G7

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
LC1F265G7 SCHNEIDER-LC1F265G7 Datasheet
155Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 265 A - coil 120 V AC
logo
List of Unclassifed Man...
LC1F330G7 ETC2-LC1F330G7 Datasheet
75Kb / 4P
   330 A - coil 120 V AC
LC1D806G7 ETC2-LC1D806G7 Datasheet
79Kb / 4P
   80 A - 120 V AC coil
logo
Schneider Electric
LC1F265M7 SCHNEIDER-LC1F265M7 Datasheet
155Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 265 A - coil 220 V AC
LC1F265B7 SCHNEIDER-LC1F265B7 Datasheet
88Kb / 3P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 265 A - coil 24 V AC
LC1F265S7 SCHNEIDER-LC1F265S7 Datasheet
88Kb / 3P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 265 A - coil 500 V AC
LC1F265P7 SCHNEIDER-LC1F265P7 Datasheet
155Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 265 A - coil 230 V AC
LC1F265R7 SCHNEIDER-LC1F265R7 Datasheet
88Kb / 3P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 265 A - coil 440 V AC
LC1F265N7 SCHNEIDER-LC1F265N7 Datasheet
88Kb / 3P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 265 A - coil 415 V AC
LC1F265Q7 SCHNEIDER-LC1F265Q7 Datasheet
88Kb / 3P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 265 A - coil 380 V AC
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com