Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXK77P36E160GB-42AE Fiches technique(PDF) 11 Page - Sony Corporation

No de pièce CXK77P36E160GB-42AE
Description  16Mb LW R-L HSTL High Speed Synchronous SRAMs (512K x 36 or 1M x 18)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK77P36E160GB-42AE Fiches technique(HTML) 11 Page - Sony Corporation

Back Button CXK77P36E160GB-42AE Datasheet HTML 7Page - Sony Corporation CXK77P36E160GB-42AE Datasheet HTML 8Page - Sony Corporation CXK77P36E160GB-42AE Datasheet HTML 9Page - Sony Corporation CXK77P36E160GB-42AE Datasheet HTML 10Page - Sony Corporation CXK77P36E160GB-42AE Datasheet HTML 11Page - Sony Corporation CXK77P36E160GB-42AE Datasheet HTML 12Page - Sony Corporation CXK77P36E160GB-42AE Datasheet HTML 13Page - Sony Corporation CXK77P36E160GB-42AE Datasheet HTML 14Page - Sony Corporation CXK77P36E160GB-42AE Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
SONY®
CXK77P36E160GB / CXK77P18E160GB
Preliminary
16Mb LW R-L and 8Mb LW R-L w/ EC, rev 1.1
11 / 25
March 2, 2001
AC Test Conditions
(VDD = 3.3V ± 5%, VDDQ = 1.9V ± 0.1V, TA = 0 to 85°C)
Item
Symbol
Conditions
Units
Notes
Input Reference Voltage
VREF
0.85
V
Address / Control Input High Level
VCAIH
1.45
V
Address / Control Input Low Level
VCAIL
0.35
V
Data Input High Level
VDIH
1.25
V
Data Input Low Level
VDIL
0.55
V
Input Rise & Fall Time
2.0
V/ns
Input Reference Level
0.85
V
Clock Input High Voltage
VKIH
1.45
V
VDIF = 0.7V
Clock Input Low Voltage
VKIL
0.75
V
VDIF = 0.7V
Clock Input Common Mode Voltage
VCM
1.10
V
Clock Input Rise & Fall Time
2.0
V/ns
Clock Input Reference Level
K/K cross
V
Output Reference Level
0.95
V
Output Load Conditions
Fig.1
RQ = 250
DQ
0.95 V
Figure 1: AC Test Output Load
50
50
5 pF
16.7
0.95 V
50
50
5 pF
16.7
16.7


Numéro de pièce similaire - CXK77P36E160GB-42AE

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXK77B1810AGB SONY-CXK77B1810AGB Datasheet
82Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B1810AGB-5 SONY-CXK77B1810AGB-5 Datasheet
82Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B1810AGB-6 SONY-CXK77B1810AGB-6 Datasheet
82Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B3610GB- SONY-CXK77B3610GB- Datasheet
199Kb / 16P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B3610GB-6 SONY-CXK77B3610GB-6 Datasheet
199Kb / 16P
   High Speed Bi-CMOS Synchronous Static RAM
More results

Description similaire - CXK77P36E160GB-42AE

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
logo
Sony Corporation
CXK77K36R320GB SONY-CXK77K36R320GB Datasheet
177Kb / 22P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (1Mb x 36)
CXK77K18R320GB SONY-CXK77K18R320GB Datasheet
198Kb / 23P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (2Mb x 18)
logo
GSI Technology
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS8160V18AT GSI-GS8160V18AT Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018DGT-250I GSI-GS816018DGT-250I Datasheet
255Kb / 25P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BT-V GSI-GS8160E18BT-V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com