Moteur de recherche de fiches techniques de composants électroniques |
|
TL084CNSRG4 Fiches technique(PDF) 6 Page - Texas Instruments |
|
TL084CNSRG4 Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 50 page TL081, TL081A, TL081B, TL082, TL082A TL082B, TL084, TL084A, TL084B SLOS081I – FEBRUARY 1977 – REVISED MAY 2015 www.ti.com 6.4 Thermal Information TL08xx D (SOIC) N (PDIP) NS (SO) P (PDIP) PS (SO) PW (TSSOP) THERMAL METRIC(1) UNIT 8 PINS 14 14 PINS 14 PINS {PIN {PIN 8 PINS 14 PINS COUNT} COUNT} PINS PINS PINS Junction-to-ambient RθJA 97 86 76 80 85 95 149 113 °C/W thermal resistance(2)(3) (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report, SPRA953. (2) Maximum power dissipation is a function of TJ(max), RθJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA) / RθJA. Operating at the absolute maximum TJ of 150°C can affect reliability. (3) The package thermal impedance is calculated in accordance with JESD 51-7. 6.5 Electrical Characteristics for TL08xC, TL08xxC, and TL08xI VCC± = ±15 V (unless otherwise noted) TL081C, TL082C, TL081AC, TL082AC, TL081BC, TL082BC, TL081I, TL082I, TEST TL084C TL084AC TL084BC TL084I PARAMETER TA (1) UNIT CONDITIONS MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX 25°C 3 15 3 6 2 3 3 6 Input offset VO = 0, VIO mV Full voltage RS = 50 Ω 20 7.5 5 9 range Temperature coefficient of VO = 0, Full αVIO input 18 18 18 18 μV/°C RS = 50 Ω range offset voltage 25°C 5 200 5 100 5 100 5 100 pA Input offset IIO VO = 0 Full current(2) 2 2 2 10 nA range 25°C 30 400 30 200 30 200 30 200 pA Input bias IIB VO = 0 Full current(2) 10 7 7 20 nA range Common- –12 –12 –12 –12 mode VICR 25°C ±11 to ±11 to ±11 to ±11 to V input voltage 15 15 15 15 range Maximum RL = 10 kΩ 25°C ±12 ±13.5 ±12 ±13.5 ±12 ±13.5 ±12 ±13.5 peak RL ≥ 10 kΩ ±12 ±12 ±12 ±12 VOM output V Full voltage range RL ≥ 2 kΩ ±10 ±12 ±10 ±12 ±10 ±12 ±10 ±12 swing Large-signal 25°C 25 200 50 200 50 200 50 200 differential VO = ±10 V, AVD V/mV Full voltage RL ≥ 2 kΩ 15 15 25 25 range amplification Unity-gain B1 25°C 3 3 3 3 MHz bandwidth Input ri 25°C Ω 1012 1012 1012 1012 resistance Common- VIC = VICRmin, mode CMRR VO = 0, 25°C 70 86 75 86 75 86 75 86 dB rejection RS = 50 Ω ratio Supply- VCC = ±15 V to voltage ±9 V, kSVR rejection 25°C 70 86 80 86 80 86 80 86 dB VO = 0, ratio RS = 50 Ω ( ΔVCC±/ΔVIO) (1) All characteristics are measured under open-loop conditions with zero common-mode voltage, unless otherwise specified. Full range for TA is 0°C to 70°C for TL08_C, TL08_AC, TL08_BC and –40°C to 85°C for TL08_I. (2) Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as shown in Figure 13. Pulse techniques must be used that maintain the junction temperature as close to the ambient temperature as possible. 6 Submit Documentation Feedback Copyright © 1977–2015, Texas Instruments Incorporated Product Folder Links: TL081 TL081A TL081B TL082 TL082A TL082B TL084 TL084A TL084B |
Numéro de pièce similaire - TL084CNSRG4 |
|
Description similaire - TL084CNSRG4 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |