Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


Z86U18 Datasheet(Fiches technique) 3 Page - Zilog, Inc.

Numéro de pièce Z86U18
Description  USB Device Controller with CMOS Z86K15 MCU
Télécharger  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo 

 
 3 page
background image
Z86U18
Zilog
USB Device Controller with CMOS Z86K15 MCU
DS97KEY0102
P R E L I M I N A R Y
3
1
USB FUNCTIONAL BLOCK DESCRIPTION
The USB portion of the chip is divided into two areas, the
transceiver and the Serial Interface Engine (SIE).
The
transceiver handles incoming differential signals and "sin-
gle ended zero" (SE0). It also converts output data in dig-
ital form to differential drive at the proper levels.
The SIE does all other processing on incoming and out go-
ing data. This includes signal recovery timing, bit stuffing,
validity checking, data sequencing, and handshaking to
the host. Data flow into and out of the MCU portions is pro-
cessed through eight registers mapped into Expanded
Register File Memory at locations 010 to 017.
The USB SIE handles two endpoints (control at Endpoint
0 and data into the host from Endpoint 1). All communica-
tions are at the 1.5 Mb/sec HID class data rate. Future de-
vices will handle the full 12 Mb/sec data rate.
USB SUSPEND/RESUME FUNCTIONALITY
Suspend is intitiated by the host only, when it stops send-
ing start of frame signaling or start of frame keep alive
pulse.
When SIE detects the absence of start of frame signaling
from the host for more than 3 miliseconds, it sets the Sus-
pend bit in Reg7 and the Supspend Interrupt bit in Reg6
which interrupts the microcontroller. There is also an inter-
nal Suspend node that reflects the state of the Suspend bit
in Reg7. This Suspend node is used to put the tranceiver
in Suspend mode. When the microcontroller gets the Sus-
pend Interrupt, it stops all the clocks.
Resume can be initiated by host or by UC. Host initiates
Resume by sending J to K transition on D+ and D- pins.
Upon detecting J to K transition, the GFI makes Resume-
out signal active, which is used to wake the UC. Once the
UC is up, it clears the suspend bit in Reg7. UC can initiate
Resume by writing 1 to Send Resume bit in Reg7 for long-
er than 10mSec. This makes GFI to send J to K transition
on D+ and D- pins which indicates to the host the Resume
state. After 10 msec UC also clears the Suspend bit in
Reg7.
U18 EMULATIONS AND CODE DEVELOPMENT
An existing ICEBOXª Emulator has been modified by the
addition of an adaptor board. This board includes a FPGA
with the logic of the SIE, a commercial USB transceiver,
and a voltage regulator. These three functions adapt our
Z86C15/K15 to the USB world allowing the customer to
develop code to be placed into the ROM of U18s.
The ICEBOX has complete functional equivalence to the
final part including pin out to the application board. This
begins with the 40-pin DIP and covers the other pin config-
urations. Once code has been verified, it can be released
to Zilog and placed into the ROM of the Z86U18.
Figure 2. Data To/From K86U18
SYNC
DATA
CRC
EOP
Data packet sent at low speed
SYNC
SYNC
Hub Setup
ENDP . . .
EOP
Hub enables low
speed port outputs
Hub enables low
speed port outputs
Preamble
sent at full speed
Token sent at low speed
SYNC
SYNC
Hub Setup
EOP
Preamble
sent at full speed
Hub enables low
speed port outputs
Handshake sent at low speed
Hub enables low
speed port outputs
PID
PID
PID
PID
PID




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
ST22T064-ASmartcard 32-Bit RISC MCU with 64 Kbytes EEPROM & USB 2.0 Full Speed Device Controller 1 2 3 4 5 MoreSTMicroelectronics
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets
ML60851AUSB Device Controller 1 2 3 4 5 MoreOKI electronic componets
ADM1072Dual USB 2.0 Full/Standby Power Controller with Supply Steering 1 2 3 4 5 MoreAnalog Devices
M37100M8SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML60851CUSB Device Controller 1 2 3 4 5 MoreOKI electronic componets
CY82C693UBhyperCache TM / Stand-Alone PCI Peripheral Controller with USB 1 2 3 4 5 MoreCypress Semiconductor
ST7HUBUSB 1.1 HUB WITH 2 DOWNSTREAMS FULL SPEED FUNCTION 8-BIT MCU 10-BIT ADC 3 TIMERS 2 PWMs 1 2 3 4 5 MoreSTMicroelectronics
PIC16C7458-Bit CMOS Microcontrollers with USB 1 2 3 4 5 MoreMicrochip Technology
CAT1161Supervisory Circuits with I2C Serial CMOS EEPROM Precision Reset Controller and Watchdog Timer 1 2 3 4 5 MoreCatalyst Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl