Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4937G Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce 1N4937G
Description  Axial?묹ead Fast?뭃ecovery Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N4937G Fiches technique(HTML) 2 Page - ON Semiconductor

  1N4937G Datasheet HTML 1Page - ON Semiconductor 1N4937G Datasheet HTML 2Page - ON Semiconductor 1N4937G Datasheet HTML 3Page - ON Semiconductor 1N4937G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N4933, 1N4934, 1N4935, 1N4936, 1N4937
http://onsemi.com
2
MAXIMUM RATINGS (Note 1)
Rating
Symbol
1N4933
1N4934
1N4935
1N4936
1N4937
Unit
†Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
V
†Non−Repetitive Peak Reverse Voltage
RMS Reverse Voltage
VRSM
VR(RMS)
75
35
150
70
250
140
450
280
650
420
V
†Average Rectified Forward Current
(Single phase, resistive load, TA = 75°C) (Note 2)
IO
1.0
A
†Non−Repetitive Peak Surge Current
(Surge applied at rated load conditions)
IFSM
30
A
Operating Junction Temperature Range
Storage Temperature Range
TJ, Tstg
− 65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Ratings at 25
°C ambient temperature unless otherwise specified.
2. Derate by 20% for capacitive loads.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
(Typical Printed Circuit Board Mounting)
RqJA
65
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Instantaneous Forward Voltage
(IF = 3.14 Amp, TJ = 150°C)
vF
1.0
1.2
V
Forward Voltage
(IF = 1.0 Amp, TA = 25°C)
VF
1.05
1.2
V
†Reverse Current (Rated DC Voltage)
TA = 25°C
TA = 100°C
IR
1.0
50
5.0
100
mA
REVERSE RECOVERY CHARACTERISTICS
Reverse Recovery Time
(IF = 1.0 Amp to VR = 30 Vdc)
(IFM = 15 Amp, di/dt = 10 A/ms)
trr
150
175
200
300
ns
Reverse Recovery Current
(IF = 1.0 Amp to VR = 30 Vdc)
IRM(REC)
1.0
2.0
A
†Indicates JEDEC Registered Data for 1N4933 Series.
1
0.1
1
0.4
0.6
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
10
0.8
1.4
TC = 25°C
TC = 150°C
TC = 100°C
1.0E−08
0
100
200
300
400
500
VR, REVERSE VOLTAGE (V)
600
TC = 25°C
TC = 150°C
TC = 100°C
1.0E−07
1.0E−06
1.0E−05
1.0E−04
1.0E−03
1.2
TC = 125°C
TC = 125°C


Numéro de pièce similaire - 1N4937G

FabricantNo de pièceFiches techniqueDescription
logo
Compact Technology Corp...
1N4937G CTC-1N4937G Datasheet
64Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Rectron Semiconductor
1N4937G RECTRON-1N4937G Datasheet
28Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
HY ELECTRONIC CORP.
1N4937G HY-1N4937G Datasheet
828Kb / 3P
   Fast Recovery Glass Passivated Recitifiers
logo
Won-Top Electronics
1N4937G WTE-1N4937G Datasheet
54Kb / 4P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Changzhou Shunye Electr...
1N4937G SY-1N4937G Datasheet
1,021Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results

Description similaire - 1N4937G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
1N5400 ONSEMI-1N5400_06 Datasheet
57Kb / 6P
   Axial?묹ead Standard Recovery Rectifiers
December, 2006 ??Rev. 9
logo
Weitron Technology
UF4001 WEITRON-UF4001 Datasheet
740Kb / 3P
   Axial Lead Ultra Fast Rectifiers
logo
ON Semiconductor
MR850 ONSEMI-MR850 Datasheet
43Kb / 4P
   Axial Lead Fast Recovery Rectifiers
July, 2006 ??Rev. 5
logo
Formosa MS
MUR4100 FORMOSA-MUR4100 Datasheet
100Kb / 6P
   Axial Leaded Ultra Fast Rectifiers
SF11G FORMOSA-SF11G Datasheet
144Kb / 6P
   Axial Leaded Super Fast Rectifiers
FR201G FORMOSA-FR201G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR201 FORMOSA-FR201_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR301 FORMOSA-FR301_17 Datasheet
95Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
SF61G FORMOSA-SF61G Datasheet
122Kb / 6P
   Axial Leaded Super Fast Rectifiers
MUR460 FORMOSA-MUR460 Datasheet
99Kb / 6P
   Axial Leaded Ultra Fast Rectifiers
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com