Moteur de recherche de fiches techniques de composants électroniques |
|
1N4933RLG Fiches technique(PDF) 2 Page - ON Semiconductor |
|
1N4933RLG Fiches technique(HTML) 2 Page - ON Semiconductor |
2 / 4 page 1N4933, 1N4934, 1N4935, 1N4936, 1N4937 http://onsemi.com 2 MAXIMUM RATINGS (Note 1) Rating Symbol 1N4933 1N4934 1N4935 1N4936 1N4937 Unit †Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR 50 100 200 400 600 V †Non−Repetitive Peak Reverse Voltage RMS Reverse Voltage VRSM VR(RMS) 75 35 150 70 250 140 450 280 650 420 V †Average Rectified Forward Current (Single phase, resistive load, TA = 75°C) (Note 2) IO 1.0 A †Non−Repetitive Peak Surge Current (Surge applied at rated load conditions) IFSM 30 A Operating Junction Temperature Range Storage Temperature Range TJ, Tstg − 65 to +150 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Ratings at 25 °C ambient temperature unless otherwise specified. 2. Derate by 20% for capacitive loads. THERMAL CHARACTERISTICS Characteristic Symbol Max Unit Thermal Resistance, Junction−to−Ambient (Typical Printed Circuit Board Mounting) RqJA 65 °C/W ELECTRICAL CHARACTERISTICS Characteristic Symbol Min Typ Max Unit Instantaneous Forward Voltage (IF = 3.14 Amp, TJ = 150°C) vF − 1.0 1.2 V Forward Voltage (IF = 1.0 Amp, TA = 25°C) VF − 1.05 1.2 V †Reverse Current (Rated DC Voltage) TA = 25°C TA = 100°C IR − − 1.0 50 5.0 100 mA REVERSE RECOVERY CHARACTERISTICS† Reverse Recovery Time (IF = 1.0 Amp to VR = 30 Vdc) (IFM = 15 Amp, di/dt = 10 A/ms) trr − − 150 175 200 300 ns Reverse Recovery Current (IF = 1.0 Amp to VR = 30 Vdc) IRM(REC) − 1.0 2.0 A †Indicates JEDEC Registered Data for 1N4933 Series. 1 0.1 1 0.4 0.6 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Figure 1. Typical Forward Voltage Figure 2. Typical Reverse Current 10 0.8 1.4 TC = 25°C TC = 150°C TC = 100°C 1.0E−08 0 100 200 300 400 500 VR, REVERSE VOLTAGE (V) 600 TC = 25°C TC = 150°C TC = 100°C 1.0E−07 1.0E−06 1.0E−05 1.0E−04 1.0E−03 1.2 TC = 125°C TC = 125°C |
Numéro de pièce similaire - 1N4933RLG |
|
Description similaire - 1N4933RLG |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |