Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS3524AGN16 Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce CS3524AGN16
Description  Voltage Mode PWM Control Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3524AGN16 Fiches technique(HTML) 6 Page - ON Semiconductor

  CS3524AGN16 Datasheet HTML 1Page - ON Semiconductor CS3524AGN16 Datasheet HTML 2Page - ON Semiconductor CS3524AGN16 Datasheet HTML 3Page - ON Semiconductor CS3524AGN16 Datasheet HTML 4Page - ON Semiconductor CS3524AGN16 Datasheet HTML 5Page - ON Semiconductor CS3524AGN16 Datasheet HTML 6Page - ON Semiconductor CS3524AGN16 Datasheet HTML 7Page - ON Semiconductor CS3524AGN16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CS3524A
http://onsemi.com
6
0
50
100
150
Output Collector Current (mA)
5
3
2
1
0
4
200
250
TA = 125°C
TA = 25°C
TA = −55°C
Figure 10. Output Saturation Voltage vs. Output
Current Over Temperature
Figure 11. Open Loop Test Circuit
VREF
VOUTA
EA
VOUTB
EB
VIN
SYNC
CS3524A
VCC
2 kΩ
1 W
2 kΩ
1 W
2 kΩ
SHUTDOWN
RT
CT
0.1
IS
100 kΩ 100 kΩ
10 kΩ
1 kΩ
2 kΩ
0.1
10 kΩ
Note: The CS3524A should be able to be tested in any
3524 test circuit with two possible exceptions:
1. The higher gain−bandwidth of the current limit
amplifier in the CS3524A may cause oscillations in
an uncompensated 3524 test circuit.
2. The effect of the shutdown cannot be seen at the
compensation terminal, but must be observed at the
outputs.


Numéro de pièce similaire - CS3524AGN16

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS3524AGN16 CHERRY-CS3524AGN16 Datasheet
151Kb / 6P
   Voltage Mode PWM Control Circuit with 200mA Output Drivers
More results

Description similaire - CS3524AGN16

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TL494 UTC-TL494_09 Datasheet
199Kb / 7P
   VOLTAGE MODE PWM CONTROL CIRCUIT
TL494 UTC-TL494_05 Datasheet
189Kb / 7P
   VOLTAGE MODE PWM CONTROL CIRCUIT
UTCTL494 UTC-UTCTL494 Datasheet
54Kb / 6P
   VOLTAGE MODE PWM CONTROL CIRCUIT
TL494 UTC-TL494_13 Datasheet
291Kb / 8P
   VOLTAGE MODE PWM CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL494 ETL-TL494 Datasheet
291Kb / 8P
   VOLTAGE MODE PWM CONTROL CIRCUIT
logo
Unisonic Technologies
TL494 UTC-TL494_12 Datasheet
194Kb / 7P
   VOLTAGE MODE PWM CONTROL CIRCUIT
TL494 UTC-TL494_15 Datasheet
317Kb / 8P
   VOLTAGE MODE PWM CONTROL CIRCUIT
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
   Current Mode PWM Control Circuit
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
   Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS3845B ONSEMI-CS3845B Datasheet
63Kb / 8P
   Current Mode PWM Control Circuit
December, 2001 - Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com