Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESD7L Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce ESD7L
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD7L Fiches technique(HTML) 1 Page - ON Semiconductor

  ESD7L Datasheet HTML 1Page - ON Semiconductor ESD7L Datasheet HTML 2Page - ON Semiconductor ESD7L Datasheet HTML 3Page - ON Semiconductor ESD7L Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2012
October, 2012 − Rev. 6
1
Publication Order Number:
ESD7L/D
ESD7L, SESD7L
Transient Voltage
Suppressors
ESD Protection Diodes with Ultra−Low
Capacitance
The ESD7L Series is designed to protect voltage sensitive
components from damage due to ESD in applications that require ultra
low capacitance to preserve signal integrity. Excellent clamping
capability, low leakage and fast response time are combined with an
ultra low diode capacitance of 0.5 pF to provide best in class
protection from IC damage due to ESD. The ultra small SOT−723
package is ideal for designs where board space is at a premium. The
ESD7L Series can be used to protect two uni−directional lines or one
bi−directional line. When used to protect one bi−directional line, the
effective capacitance is 0.25 pF. Because of its low capacitance, it is
well suited for protecting high frequency signal lines such as USB2.0
high speed and antenna line applications.
Specification Features:
Low Capacitance 0.5 pF Typical
Low Clamping Voltage
Small Body Outline Dimensions:
0.047” x 0.047” (1.20 mm x 1.20 mm)
Low Body Height: 0.020″ (0.5 mm)
Stand−off Voltage: 5 V
Low Leakage
Response Time is Typically < 1.0 ns
IEC61000−4−2 Level 4 ESD Protection
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
This is a Pb−Free Device
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
Epoxy Meets UL 94 V−0
LEAD FINISH:
100% Matte Sn (Tin)
MOUNTING POSITION:
Any
QUALIFIED MAX REFLOW TEMPERATURE:
260
°C
Device Meets MSL 1 Requirements
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
IEC 61000−4−2 (ESD)
Contact
±10
kV
Total Power Dissipation on FR−5 Board
(Note 1) @ TA = 25°C
°PD°
150
mW
Storage Temperature Range
Tstg
−55 to +150
°C
Junction Temperature Range
TJ
−55 to +150
°C
Lead Solder Temperature − Maximum
(10 Second Duration)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−5 = 1.0 x 0.75 x 0.62 in.
Device
Package
Shipping
ORDERING INFORMATION
ESD7L5.0DT5G
SOT−723
(Pb−Free)
8000/Tape & Reel
MARKING DIAGRAM
See specific marking information in the device marking
column of the Electrical Characteristics tables starting on
page 2 of this data sheet.
DEVICE MARKING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
SOT−723
CASE 631AA
L6 = Specific Device Code
M = Date Code
L6 M
1
1
3
2
PIN 1. CATHODE
2. CATHODE
3. ANODE
SESD7L5.0DT5G SOT−723
(Pb−Free)
8000/Tape & Reel
See Application Note AND8308/D for further
description of survivability specs.


Numéro de pièce similaire - ESD7L

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
ESD7L5.0DT5G ONSEMI-ESD7L5.0DT5G Datasheet
136Kb / 4P
   Transient Voltage Suppressors ESD Protection Diodes with Ultra?묹ow Capacitance
October, 2008 ??Rev. 3
logo
TECH PUBLIC Electronics...
ESD7L5.0DT5G TECHPUBLIC-ESD7L5.0DT5G Datasheet
958Kb / 4P
   Ultra-Low Capacitance 2-Line ESD Protection
More results

Description similaire - ESD7L

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com