Moteur de recherche de fiches techniques de composants électroniques |
|
DM7404M Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
DM7404M Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
1 / 6 page TLF6494 June 1989 5404DM5404DM7404 Hex Inverting Gates General Description This device contains six independent gates each of which performs the logic INVERT function Features Y Alternate MilitaryAerospace device (5404) is available Contact a National Semiconductor Sales OfficeDistrib- utor for specifications Connection Diagram Dual-In-Line Package TLF6494 – 1 Order Number 5404DMQB 5404FMQB DM5404J DM5404W DM7404M or DM7404N See NS Package Number J14A M14A N14A or W14B Function Table Y e A Inputs Output AY LH HL H e High Logic Level L e Low Logic Level C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Numéro de pièce similaire - DM7404M |
|
Description similaire - DM7404M |