Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMSF7N03Z Fiches technique(PDF) 8 Page - ON Semiconductor

No de pièce MMSF7N03Z
Description  N?묬hannel SO?? Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF7N03Z Fiches technique(HTML) 8 Page - ON Semiconductor

Back Button MMSF7N03Z Datasheet HTML 3Page - ON Semiconductor MMSF7N03Z Datasheet HTML 4Page - ON Semiconductor MMSF7N03Z Datasheet HTML 5Page - ON Semiconductor MMSF7N03Z Datasheet HTML 6Page - ON Semiconductor MMSF7N03Z Datasheet HTML 7Page - ON Semiconductor MMSF7N03Z Datasheet HTML 8Page - ON Semiconductor MMSF7N03Z Datasheet HTML 9Page - ON Semiconductor MMSF7N03Z Datasheet HTML 10Page - ON Semiconductor MMSF7N03Z Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MMSF7N03Z
http://onsemi.com
8
TJ, STARTING JUNCTION TEMPERATURE (°C)
Figure 12. Maximum Rated Forward Biased
Safe Operating Area
0
25
50
75
100
125
300
ID = 15 A
500
150
200
100
400
Figure 13. Maximum Avalanche Energy versus
Starting Junction Temperature
0.1
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
1
10
VGS = 15 V
SINGLE PULSE
TC = 25°C
10
0.1
10 ms
1
100
100
1 ms
dc
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
100
μs
0.01
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 14. Thermal Response
Figure 15. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
t, TIME (s)
1
0.1
0.01
D = 0.5
SINGLE PULSE
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01
1.0E+00
1.0E+01
0.2
0.1
0.05
0.02
0.01
1.0E+02
1.0E+03
0.001
10
0.0163
Ω
0.0652
Ω
0.1988
Ω
0.6411
Ω
0.9502
Ω
72.416 F
1.9437 F
0.5541 F
0.1668 F
0.0307 F
Chip
Ambient
Normalized to θja at 10s.


Numéro de pièce similaire - MMSF7N03Z

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MMSF7N03Z MOTOROLA-MMSF7N03Z Datasheet
193Kb / 10P
   SINGLE TMOS POWER MOSFET 7.5 AMPERES 30 VOLTS
More results

Description similaire - MMSF7N03Z

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MMDF3N06HD ONSEMI-MMDF3N06HD Datasheet
276Kb / 12P
   N?묬hannel SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
MMDF2P01HD ONSEMI-MMDF2P01HD Datasheet
260Kb / 12P
   P?묬hannel SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
NTMS4802N ONSEMI-NTMS4802N Datasheet
116Kb / 5P
   Power MOSFET 30 V, 18 A, N?묬hannel, SO??
December, 2008 ??Rev. 0
NTMS4873NF ONSEMI-NTMS4873NF Datasheet
120Kb / 6P
   Power MOSFET 30 V, 11.5 A, N?묬hannel, SO??
January, 2009 ??Rev. 1
NTMS4935N ONSEMI-NTMS4935N Datasheet
142Kb / 5P
   Power MOSFET 30 V, 16 A, N?묬hannel, SO??
September, 2009 ??Rev. 0
NTMS4801N ONSEMI-NTMS4801N Datasheet
140Kb / 5P
   Power MOSFET 30 V, 12 A, N?묬hannel, SO??
April, 2009 ??Rev. 2
NTMS4872N ONSEMI-NTMS4872N Datasheet
118Kb / 5P
   Power MOSFET 30 V, 10.2 A, N?묬hannel, SO??
January, 2009 ??Rev. 2
NTMS4939N ONSEMI-NTMS4939N Datasheet
141Kb / 5P
   Power MOSFET 30 V, 12.5 A, N?묬hannel, SO??
September, 2009 ??Rev. 0
NTMS4920N ONSEMI-NTMS4920N Datasheet
137Kb / 5P
   Power MOSFET 30 V, 17 A, N?묬hannel, SO??
September, 2009 ??Rev. 1
NTMS4107N ONSEMI-NTMS4107N Datasheet
61Kb / 6P
   Power MOSFET 30 V, 18 A, Single N?묬hannel, SO??
March, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com