Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK2400 Fiches technique(PDF) 39 Page - Asahi Kasei Microsystems

No de pièce AK2400
Description  High integrated receiver for PMR-LMR
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2400 Fiches technique(HTML) 39 Page - Asahi Kasei Microsystems

Back Button AK2400 Datasheet HTML 35Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 36Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 37Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 38Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 39Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 40Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 41Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 42Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 43Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
[AK2400]
014008989-E-01
39
2015/4
Typical Evaluation Board Schematic (PLL SYNTH)
C2
AK2400
Loop Filter
C1
C3
R2
R2'
R3
CP
CPZ
SWIN
RFOUT
51
100pF
RFINN
VCO
BIAS3
333
RFINP
100pF
27k
REFIN
VREF1
220nF
100pF
18
18
18
100pF
Figure 17
Typical Evaluation Board Schematic (PLL SYNTH)
[CPZ] pin should be connected to R2 and C2, which are intermediate nodes, even if the Fast Lockup feature
is not used. For the output destination from [CPZ] pin, see “Charge Pump and Loop Filter” on page 36.
R2 and R2’ are connected in parallel with internal switch in Fast Lockup. These R2 and R2’ parallel
resistance value is required for calculating loop bandwidth and phase margin in Fast Lockup. The
on-resistance value of the internal switch is
150Ω for reference.
1. PVDD, CPVDD
10
F
PVDD
CPVDD
100pF
100pF
0.01
F
10
F
0.01
F
LSI
Figure 18
PVDD, CPVDD


Numéro de pièce similaire - AK2400

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK2401 AKM-AK2401 Datasheet
2Mb / 103P
   Direct Conversion Transceiver
AK2401A AKM-AK2401A Datasheet
864Kb / 21P
   Direct Conversion Transceiver
More results

Description similaire - AK2400

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Crystal Techno...
ACTF410A ACT-ACTF410A Datasheet
96Kb / 3P
   Mobile Radio - FRS & PMR
SEPT 04
logo
Delta Electronics, Inc.
PMR-5V320WDXA DELTA-PMR-5V320WDXA Datasheet
1Mb / 13P
   PMR Panel Mount Power Supply
logo
NTE Electronics
NTE788 NTE-NTE788 Datasheet
23Kb / 3P
   Integrated Circuit IF System for FM Receiver
NTE15003 NTE-NTE15003 Datasheet
25Kb / 3P
   Integrated Circuit PIF Subsytem for TV Receiver
NTE1775 NTE-NTE1775 Datasheet
25Kb / 3P
   Integrated Circuit PIF Subsytem for TV Receiver
logo
List of Unclassifed Man...
SSI75T201 ETC1-SSI75T201 Datasheet
108Kb / 8P
   INTEGRATED DTMF RECEIVER
logo
Exar Corporation
XRT7295E EXAR-XRT7295E Datasheet
1Mb / 16P
   INTEGRATED LINE RECEIVER
logo
UMC Corporation
UM92870 UMC-UM92870 Datasheet
486Kb / 1P
   INTEGRATED DTMF RECEIVER
logo
Advanced Crystal Techno...
ACTF410B ACT-ACTF410B Datasheet
96Kb / 3P
   FRS & PMR mobile radio applications
SEPT 04
logo
Delta Electronics, Inc.
PMR-5V320WCXA DELTA-PMR-5V320WCXA Datasheet
942Kb / 13P
   PMR Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com