Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB11970RV Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce LB11970RV
Description  Single-phase Full-wave Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11970RV Fiches technique(HTML) 4 Page - ON Semiconductor

  LB11970RV Datasheet HTML 1Page - ON Semiconductor LB11970RV Datasheet HTML 2Page - ON Semiconductor LB11970RV Datasheet HTML 3Page - ON Semiconductor LB11970RV Datasheet HTML 4Page - ON Semiconductor LB11970RV Datasheet HTML 5Page - ON Semiconductor LB11970RV Datasheet HTML 6Page - ON Semiconductor LB11970RV Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LB11970RV
No.A2095-4/7
Equivalent Circuit Diagram
Truth Table
VTH
PIN
IN-
IN+
CT
OUT1
OUT2
RD
Mode
L
H
L
H
L
L
(OPEN)
L
L
H
L
H
Running - drive
L
H
L
OFF
L
H
L
L
H
L
L
OFF
Running - regeneration
-
H
H
L
OFF
L
-
H
L
H
L
L
OFF
L
Output regeneration mode
with external signal
-
-
H
L
H
OFF
L
-
-
L
H
H
L
OFF
OFF
Lock protection
VTH, P-IN = L means VTH, P-IN < CPWM
VTH, P-IN = H means VTH, P-IN > CPWM
CPWM
PGND
IN-
IN+
VCC
OUT
RD
OUT
VTH
SGND
6VREG
HB
WH WL
P-IN
RMI
CT
VM
P-IN
CPWM
VTH
RMI
1.25V
HALL
M
Thermal shat down
Constant voltage
Current control
circuit
Comparator
H: Rotation mode
L: Regeneration mode
Hysteresis
AMP
Controller
Charge/discharge
circuit
Oscillation
Delay circuit
Delay circuit


Numéro de pièce similaire - LB11970RV

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB11970FV SANYO-LB11970FV Datasheet
70Kb / 7P
   Monolithic Digital IC For Fan Motor Single-phase Full-wave Driver
More results

Description similaire - LB11970RV

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LV8063FA-BH ONSEMI-LV8063FA-BH Datasheet
208Kb / 8P
   Single-Phase Full-Wave Driver
May, 2013
logo
Sanyo Semicon Device
LB11660RV SANYO-LB11660RV Datasheet
78Kb / 9P
   Single-Phase Full-Wave Driver
logo
ON Semiconductor
LB1862 ONSEMI-LB1862 Datasheet
84Kb / 6P
   Single-Phase Full-Wave Driver
May, 2013
LV8068V ONSEMI-LV8068V Datasheet
102Kb / 11P
   Single-Phase Full-Wave Driver
May, 2013
logo
Sanyo Semicon Device
LV8064TT SANYO-LV8064TT Datasheet
90Kb / 8P
   Single-Phase Full-Wave Driver
logo
ON Semiconductor
LB1862MC-AH ONSEMI-LB1862MC-AH Datasheet
97Kb / 7P
   Single-Phase Full-Wave Driver
May, 2013
LV8062FA ONSEMI-LV8062FA Datasheet
198Kb / 7P
   Single-Phase Full-Wave Driver
May, 2013
LV8163QA ONSEMI-LV8163QA Datasheet
370Kb / 7P
   Single-Phase Full-Wave Driver
May, 2013
LV8860V ONSEMI-LV8860V Datasheet
205Kb / 11P
   Single-Phase Full-Wave Driver
May, 2013
LA6581T-TE-L-H ONSEMI-LA6581T-TE-L-H Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com