Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME5-24SCJZ Fiches technique(PDF) 2 Page - AIMTEC

No de pièce AME5-24SCJZ
Description  Continuous Short circuit protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AME5-24SCJZ Fiches technique(HTML) 2 Page - AIMTEC

  AME5-24SCJZ Datasheet HTML 1Page - AIMTEC AME5-24SCJZ Datasheet HTML 2Page - AIMTEC AME5-24SCJZ Datasheet HTML 3Page - AIMTEC AME5-24SCJZ Datasheet HTML 4Page - AIMTEC AME5-24SCJZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AME5-CJZ
5 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8
2 of 5
North America only
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115 VAC
125
mA
230 VAC
80
mA
Inrush current <2ms (cold start)
115 VAC
10
A
230 VAC
20
A
Leakage current
230VAC/50Hz
0.3
mA
External fuse
Recommended slow blow type
1
A
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Line regulation
Full load, main output
±0.5
%
Full load, auxiliary output
±1.5
%
Load regulation (single output)
10-100% load
±1
%
Load Regulation (dual output)
10-100% Balanced load
±2
%
Load Regulation (triple &
asymmetric separated output)
10-100% Balanced load, main output
±3
10-100% Balanced load, auxiliary output
±5
Minimum load
Single output
0
%
Others
10
%
Ripple & Noise *
50
150
mV p-p
Hold-up time
115VAC, 20MHz bandwidth
15
ms
230VAC, 20MHz bandwidth
80
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
3000
VAC
Isolation voltage between Main and Auxiliary output
60 sec
500
VDC
Isolation Resistance
>1000
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
Single and asymmetrical dual output
140
KHz
Dual and triple output
65
Protection class
Class I
Over current protection
≥110
% of Iout
Over voltage protection
Zener diode clamp
Short circuit protection
Continuous, Auto recovery
Operating temperature
See derating curve
-25 to +70
oC
Storage temperature
-25 to +105
oC
Maximum Case temperature
100
oC
Temperature coefficient
±0.02
% /
oC
Cooling
Free air convection
Humidity
Non condensing
95
% RH
Case material
Plastic (flammability to UL 94V-0)
Weight
50
g
Dimensions (L x W x H)
1.91 x 1.42 x 0.81 inches
48.5 x 36 x 20.5 mm
MTBF
> 300,000 hrs (MIL-HDBK -217F, t=+25
oC)/Full Load
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.


Numéro de pièce similaire - AME5-24SCJZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AME5-24SJZ AIMTEC-AME5-24SJZ Datasheet
173Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AME5-24SVZ AIMTEC-AME5-24SVZ Datasheet
587Kb / 3P
   AC-DC / DC-DC Converter
More results

Description similaire - AME5-24SCJZ

FabricantNo de pièceFiches techniqueDescription
logo
XP Power Limited
JCD0424S05 XPPOWER-JCD0424S05 Datasheet
105Kb / 2P
   Continuous Short Circuit Protection
logo
AIMTEC
AM30EW-NZ AIMTEC-AM30EW-NZ Datasheet
269Kb / 5P
   Continuous Short Circuit protection
AM30KW-I-Z AIMTEC-AM30KW-I-Z Datasheet
180Kb / 5P
   Continuous Short Circuit Protection
AMEL10-MJZ AIMTEC-AMEL10-MJZ Datasheet
170Kb / 3P
   Continuous Short Circuit Protection
logo
MORNSUN Science& Techno...
F0505XT-W2R2 MORNSUN-F0505XT-W2R2 Datasheet
1Mb / 4P
   Continuous short-circuit protection
logo
AIMTEC
AM1LR-NZ AIMTEC-AM1LR-NZ Datasheet
141Kb / 3P
   Continuous short circuit protection
AMEOF1-JZ AIMTEC-AMEOF1-JZ Datasheet
157Kb / 3P
   Continuous short circuit protection
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
   Continuous Short Circuit Protection
logo
Recom International Pow...
REC30 RECOM-REC30 Datasheet
384Kb / 6P
   Continuous Short Circuit Protection
logo
AIMTEC
AM6C-NZ AIMTEC-AM6C-NZ Datasheet
237Kb / 3P
   Continuous Short Circuit Protection
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com