Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM2DS-1203S-NZ Fiches technique(PDF) 3 Page - AIMTEC

No de pièce AM2DS-1203S-NZ
Description  Pin compatible with multiple manufacturers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2DS-1203S-NZ Fiches technique(HTML) 3 Page - AIMTEC

  AM2DS-1203S-NZ Datasheet HTML 1Page - AIMTEC AM2DS-1203S-NZ Datasheet HTML 2Page - AIMTEC AM2DS-1203S-NZ Datasheet HTML 3Page - AIMTEC AM2DS-1203S-NZ Datasheet HTML 4Page - AIMTEC AM2DS-1203S-NZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series AM2DS-NZ
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
3 of 5
North America only
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
100 - 300
KHz
Operating temperature
Derating Above 85oC
-40 to +105
oC
Storage temperature
-55 to +125
oC
Humidity
95
% RH
Case material
Non-conductive black plastic (UL94V-0 rated)
Weight
2.4
g
Dimensions (L x W x H)
0.77 x 0.27 x 0.39inches
19.6 x 7.00 x 10.00mm
MTBF
>3,500,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
Maximum soldering temperature
1.5 mm from case for 10sec
300
oC
Maximum case temperature
125
oC
Cooling
Free air convection
Safety Specifications
Parameters
Agency approvals
cULus (without 15V input and without 3.3V output models)
Standards
UL 60950-1
Pin Out Specifications
Pin
1500 VDC
3000VDC
Single
Dual
Single
Dual
1
+ V Input
+ V Input
+ V Input
+ V Input
2
- V Input
- V Input
- V Input
- V Input
4
- V Output
- V Output
No pin
No pin
5
No pin
Common
- V Output
- V Output
6
+ V Output
+ V Output
No pin
Common
7
No pin
No pin
+ V Output
+ V Output
Dimensions
19.60
(0.77)
15.20
(0.60)
2.54
(0.10)
7.00
(0.27)
PRINTED
FACE
0.50
(0.02)
0.50
(0.02)
0.30
(0.01)
0.90
(0.04)
7.00
(0.27)
4.10
(0.16)
0.50
(0.02)
NOTE: Unit:mm [inch]
Pin tolerances: 0.10mm [ 0.004inch]
General tolerances: 0.25mm [ 0.010inch]
10.0
(0.39)
10.0
(0.39)


Numéro de pièce similaire - AM2DS-1203S-NZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM2DS-1203S-NZ AIMTEC-AM2DS-1203S-NZ Datasheet
193Kb / 5P
   2 Watt | DC-DC Converter
More results

Description similaire - AM2DS-1203S-NZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM3T-R-Z AIMTEC-AM3T-R-Z Datasheet
278Kb / 4P
   Pin compatible with multiple manufacturers
AM4TW-R-Z AIMTEC-AM4TW-R-Z Datasheet
225Kb / 3P
   Pin compatible with multiple manufacturers
AM2N-N-Z AIMTEC-AM2N-N-Z Datasheet
208Kb / 4P
   Pin Compatible With Multiple Manufacturers
AM3T-PNZ AIMTEC-AM3T-PNZ Datasheet
216Kb / 4P
   Pin compatible with multiple manufacturers
AM3TW-R-Z AIMTEC-AM3TW-R-Z Datasheet
226Kb / 3P
   Pin compatible with multiple manufacturers
AM6T-NZ AIMTEC-AM6T-NZ Datasheet
252Kb / 4P
   Pin compatible with multiple manufacturers
logo
Synaptics Incorporated.
CX93011 CONEXANT-CX93011 Datasheet
195Kb / 2P
   Pin compatible with CX90240 chipset
logo
Emerson Network Power
BXA40 EMERSON-NETWORKPOWER-BXA40 Datasheet
243Kb / 4P
   Pin-compatible with NFC40 Series
logo
Linear Technology
LTC4245 LINER-LTC4245 Datasheet
431Kb / 36P
   Multiple Supply Hot Swap Controller with I2C Compatible Monitoring
LTC4245 LINER-LTC4245_15 Datasheet
437Kb / 36P
   Multiple Supply Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com