Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA12-800C4G Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce BTA12-800C4G
Description  Silicon Bidirectional Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BTA12-800C4G Fiches technique(HTML) 5 Page - ON Semiconductor

  BTA12-800C4G Datasheet HTML 1Page - ON Semiconductor BTA12-800C4G Datasheet HTML 2Page - ON Semiconductor BTA12-800C4G Datasheet HTML 3Page - ON Semiconductor BTA12-800C4G Datasheet HTML 4Page - ON Semiconductor BTA12-800C4G Datasheet HTML 5Page - ON Semiconductor BTA12-800C4G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BTA12−600C4G, BTA12−800C4G
http://onsemi.com
5
80
60
40
20
0
-20
-40
1.2
80
0
0.4
0.8
1.6
-60
-60
-40
-20
0
20
2.4
40
0
0.4
0.8
1.2
1.6
2.0
2.8
2.0
MAIN TERMINAL VOLTAGE = 12 Vdc
ALL QUADRANTS
60
MAIN TERMINAL VOLTAGE = 12 Vdc
ALL QUADRANTS
TC, CASE TEMPERATURE (°C)
TC, CASE TEMPERATURE (°C)
10 k
200
5.0 k
2.0 k
1.0 k
500
0.1
t, TIME (ms)
100
50
20
5.0
2.0
1.0
0.02
0.5
1.0
0.5
0.2
0.1
0.05
0.2
0.01
ZqJC(t) = r(t) • RqJC
Figure 5. Typical Gate Trigger Current
Figure 6. Typical Holding Current
Figure 7. Thermal Response


Numéro de pièce similaire - BTA12-800C4G

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BTA12-800C STMICROELECTRONICS-BTA12-800C Datasheet
116Kb / 7P
   12A TRIACS
logo
Kersemi Electronic Co.,...
BTA12-800C KERSEMI-BTA12-800C Datasheet
1,011Kb / 5P
   12A TRIACS
logo
First Silicon Co., Ltd
BTA12-800C FS-BTA12-800C Datasheet
881Kb / 5P
   Bi-Directional Triode Thyristor
logo
STMicroelectronics
BTA12-800CRG STMICROELECTRONICS-BTA12-800CRG Datasheet
116Kb / 7P
   12A TRIACS
BTA12-800CRG STMICROELECTRONICS-BTA12-800CRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
More results

Description similaire - BTA12-800C4G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC213 DIGITRON-MAC213 Datasheet
228Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com