Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC72722PM Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce LC72722PM
Description  Signal-Processing System IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC72722PM Fiches technique(HTML) 3 Page - ON Semiconductor

  LC72722PM Datasheet HTML 1Page - ON Semiconductor LC72722PM Datasheet HTML 2Page - ON Semiconductor LC72722PM Datasheet HTML 3Page - ON Semiconductor LC72722PM Datasheet HTML 4Page - ON Semiconductor LC72722PM Datasheet HTML 5Page - ON Semiconductor LC72722PM Datasheet HTML 6Page - ON Semiconductor LC72722PM Datasheet HTML 7Page - ON Semiconductor LC72722PM Datasheet HTML 8Page - ON Semiconductor LC72722PM Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LC72722PM
No. 6123-3/18
Electrical Characteristics at Ta = -40 to 85
°C, Vssd = Vssa = 0V
Parameter
Symbol
Pin Name
Conditions
Ratings
Unit
min
typ
max
Input resistance
RMPXIN
MPXIN-Vssa
f=57kHz
43.0
k
Ω
Rcin
CIN-Vssa
f=57kHz
100.0
k
Ω
Internal feedback
resistance
Rf
XIN
1.0
M
Ω
Center frequency
fc
FLOUT
56.5
57.0
57.5
kHz
-3dB band width
BW-3dB
FLOUT
2.5
3.0
3.5
kHz
Gain
Gain
MPXIN-FLOUT
f=57kHz
28
31
34
dB
Stop band
Attenuation
Att1
FLOUT
Δf=±7kHz
30
dB
Att2
FLOUT
f<45kHz, f>70kHz
40
dB
Att3
FLOUT
f<20kHz
50
dB
Reference voltage
output
Vref
Vref
Vdda=5.0V
2.5
V
Hysteresis
VHIS
CL, DI, CE, SYR, T1, T2
0.1Vddd
V
Output low-level
voltage
VOL1
DO, T3, T4, T5, T6, T7
I=2mA
0.5
V
VOL2
SYNC, RDS-ID
I=8mA
0.5
V
Input high-level
current
IIIH1
CL, DI, CE, SYR, T1, T2
VI= Vddd
5.0
μA
IIIH2
XIN
VI=Vddd
2.0
11.0
μA
Input low-level
current
IIIL1
CL, DI, CE, SYR, T1, T2
VI=0V
5.0
μA
IIIL2
XIN
VI=0V
2.0
11.0
μA
Output off leakage
current
IIOFF
DO, SYNC, RDS-ID, T3,
T4, T5, T6, T7
VO=6.5V
5.0
μA
Current drain
Idd
Vddd, Vdda
9
mA


Numéro de pièce similaire - LC72722PM

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72722PM SANYO-LC72722PM Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72722PM SANYO-LC72722PM Datasheet
174Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
ON Semiconductor
LC72722PM ONSEMI-LC72722PM Datasheet
976Kb / 18P
   RDS / RBDS Single-chip Signal Processor
June 2017 - Rev. 2
LC72722PM-MPB-E ONSEMI-LC72722PM-MPB-E Datasheet
976Kb / 18P
   RDS / RBDS Single-chip Signal Processor
June 2017 - Rev. 2
LC72722PM-TLM-E ONSEMI-LC72722PM-TLM-E Datasheet
976Kb / 18P
   RDS / RBDS Single-chip Signal Processor
June 2017 - Rev. 2
More results

Description similaire - LC72722PM

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
   Signal-Processing System IC
June, 2013
LC72720YVS ONSEMI-LC72720YVS Datasheet
171Kb / 18P
   Signal-Processing System IC
June, 2013
LC72722PMS ONSEMI-LC72722PMS Datasheet
171Kb / 18P
   Signal-Processing System IC
June, 2013
logo
Sanyo Semicon Device
LC72722PM SANYO-LC72722PM_12 Datasheet
174Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72722PMS SANYO-LC72722PMS Datasheet
167Kb / 18P
   Single-Chip RDS Signal-Processing System IC
72720YV SANYO-72720YV Datasheet
222Kb / 14P
   Single-Chip RDS Signal-Processing System IC
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
Hitachi Semiconductor
HA11235 HITACHI-HA11235 Datasheet
264Kb / 9P
   Synchronous Signal Processing System
logo
Panasonic Semiconductor
AN5767K PANASONIC-AN5767K Datasheet
60Kb / 6P
   Synchronizing signal processing IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com