Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC72722PM Fiches technique(PDF) 10 Page - ON Semiconductor

No de pièce LC72722PM
Description  Signal-Processing System IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC72722PM Fiches technique(HTML) 10 Page - ON Semiconductor

Back Button LC72722PM Datasheet HTML 6Page - ON Semiconductor LC72722PM Datasheet HTML 7Page - ON Semiconductor LC72722PM Datasheet HTML 8Page - ON Semiconductor LC72722PM Datasheet HTML 9Page - ON Semiconductor LC72722PM Datasheet HTML 10Page - ON Semiconductor LC72722PM Datasheet HTML 11Page - ON Semiconductor LC72722PM Datasheet HTML 12Page - ON Semiconductor LC72722PM Datasheet HTML 13Page - ON Semiconductor LC72722PM Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LC72722PM
No. 6123-10/18
(3) Synchronization and RAM address reset (1bit) : SYR
SYR
Synchronization detection circuit
RAM
0
Normal operation (reset cleared)
Normal write (See the description of the OWE bit)
1
Forced to the unsynchronized state
(synchronization reset)
After the reset is cleared, start writing from the data prior
to the establishment of synchronization, i.e. the data in
backward protection.
Initial value : SYR = 0
Caution :
1. To apply a synchronization reset, set SYR to 1 temporarily using CCB, and then set it back to 0 again using CCB.
The circuit will start synchronization capture operation at the point SYR is set to 0.
2. The SYR pin (pin24) also provides an identical reset control operation. Applications can use either method.
However, the control method that is not used must be set to 0 at all times.
Any pulse with a width of over 250 ns will suffice.
3. A reset must be applied immediately after the reception channel is changed.
If a reset is not applied, reception data from the previous channel may remain in on-chip memory.
4. Data read out after a synchronization reset is read out starting with the backward protection block data preceding
the establishment of synchronization.
(4) RAM write control (1bit) : OWE
OWE
RAM write conditions
0
Only data for which synchronization had been established is written.
1
Data for which synchronization not has been established (unsynchronized data) is also
written. (However, this applies when SYR = 0.)
Initial value : OWE = 0
(5) Error correction method setting (5bits) : EC0 to EC4
Initial values : EC0 = 0, EC1 = 1, EC2 = 0, EC3 = 0, EC4 = 1
Caution : 1. If soft-decision A or soft-decision B is specified, soft-decision control will be performed even if the number
of bits corrected is set to 0 (error detection only). With these settings, data will be output for blocks with no errors.
2. As opposed to soft-decision B, the soft-decision A setting suppresses soft decision error correction.
(6) Intermittent DO output setting
SP0
SP1
DO output state
0
0
DO goes low when one or more blocks of data are written to memory.
1
0
DO goes low when 4 or more blocks of data are written to memory.
0
1
DO goes low when 8 or more blocks of data are written to memory.
1
1
DO goes low when 12 or more blocks of data are written to memory.
Initial values : SP0 = 0, SP1 = 0
E
C
0
E
C
1
E
C
2
Number of bits corrected
0
0
0
0 (error detection only)
1
0
0
1 or fewer bits
0
1
0
2 or fewer bits
1
1
0
3 or fewer bits
0
0
1
4 or fewer bits
1
0
1
5 or fewer bits
0
1
1
Illegal value
1
1
1
Illegal value
E
C
3
E
C
4
Soft-decision setting
00
MODE0 Hard decision
10
MODE1 Soft decision A
01
MODE2 Soft decision B
1
1
Illegal value


Numéro de pièce similaire - LC72722PM

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72722PM SANYO-LC72722PM Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72722PM SANYO-LC72722PM Datasheet
174Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
ON Semiconductor
LC72722PM ONSEMI-LC72722PM Datasheet
976Kb / 18P
   RDS / RBDS Single-chip Signal Processor
June 2017 - Rev. 2
LC72722PM-MPB-E ONSEMI-LC72722PM-MPB-E Datasheet
976Kb / 18P
   RDS / RBDS Single-chip Signal Processor
June 2017 - Rev. 2
LC72722PM-TLM-E ONSEMI-LC72722PM-TLM-E Datasheet
976Kb / 18P
   RDS / RBDS Single-chip Signal Processor
June 2017 - Rev. 2
More results

Description similaire - LC72722PM

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
   Signal-Processing System IC
June, 2013
LC72720YVS ONSEMI-LC72720YVS Datasheet
171Kb / 18P
   Signal-Processing System IC
June, 2013
LC72722PMS ONSEMI-LC72722PMS Datasheet
171Kb / 18P
   Signal-Processing System IC
June, 2013
logo
Sanyo Semicon Device
LC72722PM SANYO-LC72722PM_12 Datasheet
174Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72722PMS SANYO-LC72722PMS Datasheet
167Kb / 18P
   Single-Chip RDS Signal-Processing System IC
72720YV SANYO-72720YV Datasheet
222Kb / 14P
   Single-Chip RDS Signal-Processing System IC
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
Hitachi Semiconductor
HA11235 HITACHI-HA11235 Datasheet
264Kb / 9P
   Synchronous Signal Processing System
logo
Panasonic Semiconductor
AN5767K PANASONIC-AN5767K Datasheet
60Kb / 6P
   Synchronizing signal processing IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com