Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC-1100RVN3 Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers

No de pièce TC-1100RVN3
Description  1100W Redundant Power Supply
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TC-1100RVN3 Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TC-1100RVN3 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 11Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
3.6. PROTECTION
3.6.1. Over voltage protection
OUTPUT
Min
Max
+3.3V
3.75V
4.3V
+5V
5.7V
6.9V
+12V
13V
14.3V
3.6.2. Over power protection
OVER 110% ~ 150% of rated load Shut down latch off.
3.6.3. Short circuit protection
All output equipped with short circuit.(Shut down o/p voltage, re-power on to recover).
3.6.4. Over temperature protection
When power supply temperature over 115±5℃, power supply will shut down
As it cools down to 85±5℃, the power supply will re-start in auto-recovery.
3.7. Power system fault signal
When one of the power supply module in the system fails to provide output, the system
shall provide:
3.7.1. Audible buzzer
When the warning buzzer sounds, the user can reset the warning buzzer by
pressing the buzzer reset or use the reset switch of the system chassis. The reset
switch can be connected by wires lead provided from the power supply system
(please refer to Sec. 3.7.2./3.7.3.). Insert the power module which is removed for
testing earlier, the sound of the warning buzzer will disappear, the external warning
LED will turn Green again. The LED indicating the status of the power supply will
light again when testing another power supply by performing the similar
procedure.


Numéro de pièce similaire - TC-1100RVN3

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC-1188 MICROCHIP-TC-1188 Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
TC-1189 MICROCHIP-TC-1189 Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
More results

Description similaire - TC-1100RVN3

FabricantNo de pièceFiches techniqueDescription
logo
Adlink Technology Inc.
CPCIS-ET1100 ADLINK-CPCIS-ET1100 Datasheet
211Kb / 2P
   Redundant Power Supply
logo
BOSER Technology Co., L...
ARI-6400F BOSER-ARI-6400F Datasheet
79Kb / 1P
   400W Redundant Power Supply
logo
List of Unclassifed Man...
TC-950RVN3 ETC2-TC-950RVN3 Datasheet
266Kb / 17P
   950W Redundant Power Supply
TC-400R2UH ETC2-TC-400R2UH Datasheet
299Kb / 8P
   1U Redundant Power Supply
TC-2000RVN4 ETC2-TC-2000RVN4 Datasheet
282Kb / 17P
   2000W Redundant Power Supply
TC-1350RVN3 ETC2-TC-1350RVN3 Datasheet
265Kb / 17P
   1350W Redundant Power Supply
TC-1700RVN4 ETC2-TC-1700RVN4 Datasheet
282Kb / 17P
   1700W Redundant Power Supply
TC-350R2UH ETC2-TC-350R2UH Datasheet
300Kb / 8P
   1U Redundant Power Supply
logo
BOSER Technology Co., L...
DTB-R232 BOSER-DTB-R232 Datasheet
86Kb / 1P
   230W Redundant Power Supply
logo
List of Unclassifed Man...
TC-300R2UH ETC2-TC-300R2UH Datasheet
311Kb / 8P
   1U redundant power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com