Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC-1100RVN3 Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce TC-1100RVN3
Description  1100W Redundant Power Supply
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TC-1100RVN3 Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TC-1100RVN3 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC-1100RVN3 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
3.5.5. Dynamic load response time
The following shall apply to the 3.3 V, 5 V, and 12 V outputs:
Output voltage for each output shall recover to within 5 % of its steady state level in less
than 1 ms under the following conditions:
AC INPUT VOLTAGE: 90VAC ~ 264VAC
Repetition rate of 100Hz with 50 % duty cycle
OUTPUT
Step Load Size
Load Slew Rate
+3.3V
75% to 100% to 75% load
0.5 A/
u sec
+5V
75% to 100% to 75% load
0.5 A/
u sec
+12V
75% to 100% to 75% load
0.5 A/
u sec
3.5.6. Remote On/Off Control
The main outputs of this power supply (3.3V,5V,12V,-12V) shall be energized when input
signal*PSON is active. *PSON is an active low TTL compatible signal referenced to the +5V
standby common. This input signal shall be an open collector signal capable of sinking a
minimum of 4mA. When *PSON becomes inactive, the main outputs shall be disabled.
Power on
Power off
PSON
LOW (0.8V max)
HI (2V max)
3.5.7. Power good signal
The system shall have an active high TTL compatible signal capable of sinking 1mA and
sourcing 100uA. The signal shall become active within 100 to 500 ms from the instant +5V
output reaches a steady state level within the specified regulation limits. It shall become
inactive at least 1 ms before +5V drops to below the lower regulation limit.


Numéro de pièce similaire - TC-1100RVN3

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC-1188 MICROCHIP-TC-1188 Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
TC-1189 MICROCHIP-TC-1189 Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
More results

Description similaire - TC-1100RVN3

FabricantNo de pièceFiches techniqueDescription
logo
Adlink Technology Inc.
CPCIS-ET1100 ADLINK-CPCIS-ET1100 Datasheet
211Kb / 2P
   Redundant Power Supply
logo
BOSER Technology Co., L...
ARI-6400F BOSER-ARI-6400F Datasheet
79Kb / 1P
   400W Redundant Power Supply
logo
List of Unclassifed Man...
TC-950RVN3 ETC2-TC-950RVN3 Datasheet
266Kb / 17P
   950W Redundant Power Supply
TC-400R2UH ETC2-TC-400R2UH Datasheet
299Kb / 8P
   1U Redundant Power Supply
TC-2000RVN4 ETC2-TC-2000RVN4 Datasheet
282Kb / 17P
   2000W Redundant Power Supply
TC-1350RVN3 ETC2-TC-1350RVN3 Datasheet
265Kb / 17P
   1350W Redundant Power Supply
TC-1700RVN4 ETC2-TC-1700RVN4 Datasheet
282Kb / 17P
   1700W Redundant Power Supply
TC-350R2UH ETC2-TC-350R2UH Datasheet
300Kb / 8P
   1U Redundant Power Supply
logo
BOSER Technology Co., L...
DTB-R232 BOSER-DTB-R232 Datasheet
86Kb / 1P
   230W Redundant Power Supply
logo
List of Unclassifed Man...
TC-300R2UH ETC2-TC-300R2UH Datasheet
311Kb / 8P
   1U redundant power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com