Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC-550RVN2 Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce TC-550RVN2
Description  550W550W for IPC-Computer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TC-550RVN2 Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TC-550RVN2 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 11Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 12Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
3.7.2. Buzzer status
POWER SUPPLY CONDITION
Buzzer status
No AC power to all PSU
OFF
AC present/Only Standby Output On
OFF
Power supply DC outputs ON and OK
OFF
Power supply failure
Beeping
3.7.3. LED indicator status
3.7.4. TTL signal
POWER SUPPLY CONDITION
OUTPUT CONDITION
NORMAL
HIGH
FAILURE
LOW
3.8 Load sharing
3.8.1. Forced Load Sharing
The +3.3V, +5V and +12V outputs shall have forced load sharing. The corresponding output
shall share within 5% at full load when operated in a redundant 1+1 configuration. The 5VSB
and –12V outputs shall not have forced load sharing between power modules.
Example of load share accuracy:
Power supply #1 = 20A
Power supply #2 > 19A and < 21A
3.8.2. Load Sharing Signal
The power supplies load share shall use a single load share bus signal connected between
each corresponding output. If the load sharing is disabled by shorting the bus to ground, the
power system shall continue to operate within regulation limits for loads less than or equal to
the full load rating of each power supply. The failure of one power supply shall not effect the
output voltages of the other supply still operating.
POWER SUPPLY CONDITION
Power system
status
Per Power Module
status
LED COLOR
RED GREEN
ORANGE
No AC power to all PSU
OFF
OFF
OFF
AC present/Only Standby Output On
ON
OFF
OFF
Power supply DC outputs ON and OK OFF
ON
ON
Power supply failure
OFF
Blinking
OFF


Numéro de pièce similaire - TC-550RVN2

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TC-550PA ETC2-TC-550PA Datasheet
159Kb / 4P
   AC Input Voltage: 90~264V (Active PFC) Frequency: 47 to 63 Hz..
More results

Description similaire - TC-550RVN2

FabricantNo de pièceFiches techniqueDescription
logo
Tumbler Technologies + ...
TIPC550S TRUMPOWER-TIPC550S Datasheet
375Kb / 1P
   550W PS/2 ATX IPC Power Supply
logo
List of Unclassifed Man...
R2A-550D1V2 ETC2-R2A-550D1V2 Datasheet
336Kb / 12P
   550W550W 2/3U Redundant Power Supply.
M1C-550A1 ETC2-M1C-550A1 Datasheet
256Kb / 11P
   550W Power Supply for 1U Easy Swap
M1C-550C1 ETC2-M1C-550C1 Datasheet
252Kb / 11P
   550W Power Supply for 1U Easy Swap
M1D-550D1 ETC2-M1D-550D1 Datasheet
292Kb / 11P
   550W Power Supply for 1U Easy Swap
M1C-550B1 ETC2-M1C-550B1 Datasheet
254Kb / 11P
   550W Power Supply for 1U Easy Swap
EFRP-G2550 ETC2-EFRP-G2550 Datasheet
438Kb / 2P
   2U 550W Server Power Supply
EFRP-G55A ETC2-EFRP-G55A Datasheet
341Kb / 2P
   550W CRPS 1U Redundant Power Module
ATX0200 ETC2-ATX0200 Datasheet
268Kb / 11P
   specification describes the requirements of 300W,350W,400W,450W,500W, 550W,600W active P.F.C Switching Power Supply
logo
Schneider Electric
HMIYMINGPRS1 SCHNEIDER-HMIYMINGPRS1 Datasheet
82Kb / 1P
   Interface Cellular 3G module for iPC
Aug 11, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com