Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0W588-002-XUA Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce 0W588-002-XUA
Description  DSP
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

0W588-002-XUA Fiches technique(HTML) 3 Page - ON Semiconductor

  0W588-002-XUA Datasheet HTML 1Page - ON Semiconductor 0W588-002-XUA Datasheet HTML 2Page - ON Semiconductor 0W588-002-XUA Datasheet HTML 3Page - ON Semiconductor 0W588-002-XUA Datasheet HTML 4Page - ON Semiconductor 0W588-002-XUA Datasheet HTML 5Page - ON Semiconductor 0W588-002-XUA Datasheet HTML 6Page - ON Semiconductor 0W588-002-XUA Datasheet HTML 7Page - ON Semiconductor 0W588-002-XUA Datasheet HTML 8Page - ON Semiconductor 0W588-002-XUA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
BelaSigna 200
2.5 Input Stage
• Two separate input channels, each with two multiplexed inputs
• Two configurable preamplifiers for improved input dynamic range matching
• Two analog third-order anti-aliasing filters
• Two 16-bit oversampling ΣΔ A/D converters
• Two ninth-order low-delay wave digital filters (WDFs) for decimation and DC removal with configurable digital gains for optimal
channel matching
2.6 Output Stage
• Two output channels (full stereo)
• Two 16-bit oversampling ΣΔ D/A converters
• Two line-level analog outputs
• Two configurable output attenuators for improved output dynamic range matching
• Two analog third-order anti-aliasing filters
• Two pulse-density modulation (PDM)-based direct digital outputs capable of driving low-impedance loads
2.7 Peripherals and Interfaces
2.7.1. Analog Interfaces
• Six external low-speed A/D converter (LSAD) inputs can be used with analog trimmers (e.g., potentiometers, analog switches, etc.)
• Two internal LSAD inputs tied directly to ground and supply can be used for supply monitoring
2.7.2. Digital Interfaces
• 16-pin general-purpose I/O (GPIO) interface
• Serial peripheral interface (SPI) communications port with interface speeds up to 640kbps at 1.28MHz system clock
• Pulse-code modulation (PCM) interface for high-bandwidth digital audio I/O
• Configurable RS-232 universal asynchronous receiver/transmitter (UART)
• RS-232-based communications port for debugging and in-circuit emulation
• Two-wire synchronous serial (TWSS) interface with speeds up to 100kbps at 1.28MHz system clock and up to 400kbps at higher
system clocks (slave mode support only)
2.7.3. System
• Integrated watchdog timer
• General-purpose timer
• External clock input division circuitry to support a wide range of external clock speeds
Rev. 16 | Page 3 of 43 | www.onsemi.com


Numéro de pièce similaire - 0W588-002-XUA

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
0W588-002-XUA ONSEMI-0W588-002-XUA Datasheet
1Mb / 43P
   1.0 Genral Description
June 2008 ??Rev. 16
More results

Description similaire - 0W588-002-XUA

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADSP-2141L AD-ADSP-2141L Datasheet
257Kb / 39P
   DSP
REV. 0
logo
Texas Instruments
TMS320LF2407 TI-TMS320LF2407_08 Datasheet
1Mb / 116P
[Old version datasheet]   DSP CONTROLLERS
logo
Analog Devices
ADSP-2189MBSTZ-266 AD-ADSP-2189MBSTZ-266 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-2181BSTZ-133 AD-ADSP-2181BSTZ-133 Datasheet
293Kb / 32P
   DSP Microcomputer
REV. D
ADSP-2181BSZ-133 AD-ADSP-2181BSZ-133 Datasheet
305Kb / 32P
   DSP Microcomputer
REV. D
ADSP-2196MKSTZ-160 AD-ADSP-2196MKSTZ-160 Datasheet
1Mb / 68P
   DSP Microcomputer
REV. PrA
logo
Texas Instruments
TMS320F240PQG4 TI-TMS320F240PQG4 Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
logo
Analog Devices
ADSP-21065LCSZ-240 AD-ADSP-21065LCSZ-240 Datasheet
427Kb / 44P
   DSP Microcomputer
REV. C
ADSP-21065LKSZ-264 AD-ADSP-21065LKSZ-264 Datasheet
427Kb / 44P
   DSP Microcomputer
REV. C
logo
Panasonic Battery Group
DSP PANASONICBATTERY-DSP Datasheet
107Kb / 6P
   DSP RELAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com