Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0W633-001-XTP Fiches technique(PDF) 11 Page - ON Semiconductor

No de pièce 0W633-001-XTP
Description  High-Performance Programmable Audio Processing System
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

0W633-001-XTP Fiches technique(HTML) 11 Page - ON Semiconductor

Back Button 0W633-001-XTP Datasheet HTML 7Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 8Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 9Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 10Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 11Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 12Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 13Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 14Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
BELASIGNA 250
http://onsemi.com
11
Figure 1. Schematic of Ground Scheme
AGND
AGND
AGND
AGND
AGND
AGND
Voltage
STAR
POINT
V_BATTERY
10 nF
U8
BelaSigna 250
GPIO[14]/PCM_FRAME/REMOTE
LSAD[3]/GPIO[7]
SPI_CLK
GPIO[1]/I2S_IND
GPIO[2]/I2S_INA
TWSS_DATA
GPIO[11]/PCM_CLK
GPIO[12]/PCM_SERI
TWSS_CLK
GPIO[13]/PCM_SERO
AOR
EXT_CLK
RCVRBAT
VDBL
AI1/LOUT
AI0
LSAD[2]/GPIO[6]
LSAD[1]/GPIO[5]/I2S_OUTA
VREG
RCVR0+
RCVR0−
AIR
DEBUG_TX
DEBUG_RX
SPI_SERO
LSAD[0]/GPIO[4]/I2S_OUTD
GPIO[3]/NCLK_DIV_RESET/I2S_FA
RCVRGND
AO1/RCVR1−
GPIO[0]/I2S_FD
SPI_SERI
LSAD[4]/GPIO[8]/UART_TX
LSAD[5]/GPIO[9]/UART_RX
GPIO[10]/UCLK
AI2
AI3
AO0/RCVR1+
GPIO[15]
AI_RC
C14
U6
AT25256A
1
SO
2
3
Vss
4
SI
5
SCK
6
7
8
PHOTODIODE
10 nF
10 nF
10 nF
R
100 nF
100 nF
GPIO7
GPIO1
GPIO2
GPIO13
GPIO5
GPIO3
GPIO6
GPIO11
GPIO14
GPIO4
GPIO9
GPIO8
GPIO0
GPIO10
GPIO12
MIC1
MIC2
MIC0
AO0
GPIO15
MIC3
RCVR0+
AO1
DEBUG_TX
DEBUG_RX
RCVR0−
EXT_CLK
TWSS_CLK
TWSS_DATA
GNDD
1.8 V
GNDD
1.8 V
VDDC
VDDC
GNDD
GNDD
GNDD
GNDD
1.8 V
+
GNDD
LFBGA64
HOLD
WP
Regulator
10
mF
1
mF1 mF
1
mF
10
mF
CS
SPI_CS


Description similaire - 0W633-001-XTP

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
B250W48A106XXG ONSEMI-B250W48A106XXG Datasheet
559Kb / 30P
   High-Performance Programmable Audio Processing System
July, 2012 ??Rev. 9
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
logo
ON Semiconductor
LC823450 ONSEMI-LC823450 Datasheet
1Mb / 55P
   Low Power & High-Resolution Audio Processing System LSI
December 2015 - Rev. 3
LC823450 ONSEMI-LC823450_17 Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
logo
Analog Devices
ADSP-21371 AD-ADSP-21371_09 Datasheet
1Mb / 52P
   SHARC Processor optimized for high performance audio processing
REV. C
logo
ATMEL Corporation
ATSAM3308B ATMEL-ATSAM3308B Datasheet
358Kb / 27P
   Audio Processing
ATSAM3703 ATMEL-ATSAM3703 Datasheet
444Kb / 36P
   Audio Processing
ATSAM2195 ATMEL-ATSAM2195 Datasheet
1Mb / 19P
   Audio Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com