Moteur de recherche de fiches techniques de composants électroniques |
|
SM8750AV Fiches technique(PDF) 8 Page - Nippon Precision Circuits Inc |
|
SM8750AV Fiches technique(HTML) 8 Page - Nippon Precision Circuits Inc |
8 / 10 page SM8750AV NIPPON PRECISION CIRCUITS—8 Converter Coefficient Measurement Mode When the serial interface bit GMES is set HIGH, converter coefficient measurement mode is invoked. In this mode, a voltage equivalent to a phase differ- ence of ±0.5T, determined by the POLAR input bit, is output on TVOUT. Internally, the difference in pulsewidth between the charge/discharge signals is ±1T, where the charge pump circuit capacitance is double the capacitance during normal operation in order to generate outputs equivalent to phase differ- ences of ±0.5T. Figure 3. Converter coefficient measurement mode timing (POLAR = LOW) Figure 4. Converter coefficient measurement mode timing (POLAR = HIGH) RDCLK START Reset VREF2 VREF2 Conversion voltage (corresponds to −0.5T) Internal charge signal Internal discharge signal TVOUT output RDCLK START Reset VREF2 VREF2 Conversion voltage (corresponds to +0.5T) Internal charge signal Internal discharge signal TVOUT output |
Numéro de pièce similaire - SM8750AV |
|
Description similaire - SM8750AV |