Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL1019P Fiches technique(PDF) 4 Page - AUK corp

No de pièce SL1019P
Description  AM TUNER SYSTEM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUK [AUK corp]
Site Internet  https:www.auk.co.kr
Logo AUK - AUK corp

SL1019P Fiches technique(HTML) 4 Page - AUK corp

  SL1019P Datasheet HTML 1Page - AUK corp SL1019P Datasheet HTML 2Page - AUK corp SL1019P Datasheet HTML 3Page - AUK corp SL1019P Datasheet HTML 4Page - AUK corp SL1019P Datasheet HTML 5Page - AUK corp SL1019P Datasheet HTML 6Page - AUK corp SL1019P Datasheet HTML 7Page - AUK corp SL1019P Datasheet HTML 8Page - AUK corp SL1019P Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
KSI-W020-000
4
Electrical Characteristics(continued)
Characteristics
Symbol
Test Condition
Min. Typ. Max. Unit
Input Voltage at Signal
Meter Output 1V
VIN
VSM = 1V
18
24
30
dBμ
Local OSC Buffer Output
VOSC (BUF) -
320
380
-
mVrms
Quieting sensitivity
QS
S/N = 20dB
-
25
-
dBμ
Detection Output Variation
Δ
VOD
Input 74dBμ →130dBμ
-
0.2
-
dB
Wide-Band AGC On State
Input
WBAGC
Interference1.4MHz Non mod.
Reception 1MHz quiescent.
Input for ANT Damping ON.
-
82
-
dBμ
Local OSC Variation
within broadcast band
Δ
Vosc
VOSCL - VOSCH
-
15
-
mVrms
VSM-BW1
74dBμ input, frequency
at which output is reduced
to 1/2
-
±1.5
-
KHz
Signal Meter Band
VSM-BW2
74dBμ input, frequency
at which output is reduced
to 1/10
-
-
4.5/+7
-
KHz
Selectivity
SEL
30% mod ± 10kHz,
WBAGC : “OFF”
-
43
-
dB
IF Interference
IF.I.
fr = 600kHz,
WBAGC : “OFF”
-
77.5
-
dB
Image Frequency
Interference
IM.I.
fr = 1400KHz,
WBAGC : “OFF”
-
52
-
dB
Information in using IC
1. Use the bias condition in “RF VCC ≤ IF VCC
2. Avoid coupling between the antenna tuning circuit and the local OSC.
3. Connect detection capacitor (C15) between pin13(output) and pin14(VCC) so that no
leakage of the IF signal to the GND line occurs. If the capacitor C15 is connected to GND,
the S/N ratio and the usable sensitivity may get worse. Radiation from C15 may cause
harmonics in the IF signal to return to the RF stage, and the result may lead to more
tweet interference. So, connect C15 as close to pin 13,14 as possible. Consider the
direction of the capacitor and separate it from the ANT circuit.
4. Use a semi-fixed resistor for R9 with VSM considered.
5. Consider the following conditions when designing the coils. The table is the input level
at each pin at which the detection output at fm =400Hz 30% mod becomes -25 dBm.
SL1019P


Numéro de pièce similaire - SL1019P

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
SL1019P AUK-SL1019P Datasheet
112Kb / 10P
   AM TUNER SYSTEM
SL1019P AUK-SL1019P_1 Datasheet
112Kb / 10P
   AM TUNER SYSTEM
More results

Description similaire - SL1019P

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
SL1019P AUK-SL1019P_1 Datasheet
112Kb / 10P
   AM TUNER SYSTEM
logo
Daewoo Semiconductor
DBL1019 DAEWOO-DBL1019 Datasheet
533Kb / 9P
   AM TUNER SYSTEM
logo
Unisonic Technologies
TA7611AP UTC-TA7611AP Datasheet
156Kb / 5P
   FM IF/AM TUNER SYSTEM
logo
NTE Electronics
NTE1214 NTE-NTE1214 Datasheet
22Kb / 3P
   Integrated Circuit AM Tuner System
logo
List of Unclassifed Man...
TA7611AP ETC-TA7611AP Datasheet
60Kb / 5P
   FM IF/AM TUNER SYSTEM
logo
Toshiba Semiconductor
TA7616P TOSHIBA-TA7616P Datasheet
297Kb / 7P
   CAR RADIO AM TUNER ONE CHIP AM SYSTEM
TA7792P TOSHIBA-TA7792P Datasheet
388Kb / 9P
   AM/FM 1CHIP TUNER SYSTEM IC
logo
NTE Electronics
NTE1486 NTE-NTE1486 Datasheet
78Kb / 3P
   Integrated Circuit FM/AM Tuner System
logo
Sanyo Semicon Device
LA1266 SANYO-LA1266 Datasheet
344Kb / 11P
   AM/FM Tuner System Of Electronic Tuning Type
LA1886M SANYO-LA1886M Datasheet
724Kb / 32P
   AM/FM Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com