Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5315-H Fiches technique(PDF) 2 Page - AUK corp

No de pièce SI5315-H
Description  IRED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUK [AUK corp]
Site Internet  https:www.auk.co.kr
Logo AUK - AUK corp

SI5315-H Fiches technique(HTML) 2 Page - AUK corp

  SI5315-H Datasheet HTML 1Page - AUK corp SI5315-H Datasheet HTML 2Page - AUK corp SI5315-H Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KLI-8006-001
2
SI5315-H / SI5315-H(B)
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Power Dissipation
PD
150
mW
Forward Current
IF
100
mA
*1Peak Forward Current
IFP
1
A
Reverse Voltage
VR
4
V
Operating Temperature
Topr
-25~85
Storage Temperature
Tstg
-30~100
*2Soldering Temperature
Tsol
260℃ for 5 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Keep the distance more than 2.0mm from PCB to the bottom of IRED package
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF= 50mA
-
1.3
1.7
V
Radiant Intensity
IE
IF= 50mA
20
40
-
mW/Sr
Peak Wavelength
λ
P
IF= 50mA
-
950
-
nm
Spectrum Bandwidth
Δλ
IF= 50mA
-
50
-
nm
Reverse Current
IR
VR=4V
-
-
10
uA
*3Half angle
θ1/2
IF= 50mA
-
±20
-
deg
*3.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity


Numéro de pièce similaire - SI5315-H

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
SI5315-H KODENSHI-SI5315-H Datasheet
198Kb / 4P
   Colorless transparency lens type
logo
AUK corp
SI5315-H AUK-SI5315-H_1 Datasheet
180Kb / 4P
   IRED
More results

Description similaire - SI5315-H

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
SI5315-H AUK-SI5315-H_1 Datasheet
180Kb / 4P
   IRED
SI3317-H AUK-SI3317-H Datasheet
171Kb / 4P
   IRED
SI5313-C AUK-SI5313-C Datasheet
80Kb / 3P
   IRED
SI5313-H AUK-SI5313-H Datasheet
64Kb / 3P
   IRED
SI5314-H AUK-SI5314-H Datasheet
66Kb / 3P
   IRED
SI5313-C AUK-SI5313-C_1 Datasheet
182Kb / 4P
   IRED
SI5313-H AUK-SI5313-H_1 Datasheet
178Kb / 4P
   IRED
SI5412-H AUK-SI5412-H Datasheet
208Kb / 4P
   IRED
SI5312-H AUK-SI5312-H Datasheet
73Kb / 3P
   IRED
SI5315-C AUK-SI5315-C_1 Datasheet
183Kb / 4P
   IRED
SI5315-C AUK-SI5315-C Datasheet
83Kb / 3P
   IRED
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com