Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM8222BP Fiches technique(PDF) 8 Page - Nippon Precision Circuits Inc

No de pièce SM8222BP
Description  Caller ID Service IC with Call Waiting
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NPC [Nippon Precision Circuits Inc]
Site Internet  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8222BP Fiches technique(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM8222BP Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8222BP Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8222BP Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8222BP Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8222BP Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8222BP Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8222BP Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8222BP Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8222BP Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SM8222A/B
NIPPON PRECISION CIRCUITS—8
Input Stage Amplifier Characteristics
s
SM8222A
VDD = 3.0 ± 0.3 V, GND = 0 V, fCLK = 3.579545 MHz, Ta = −20 to 85 °C
s
SM8222B
VDD = 5.0 ± 0.5 V, GND = 0 V, fCLK = 3.579545 MHz, Ta = −20 to 85 °C
Timing Characteristics
FSK decoder
s
SM8222A
VDD = 3.0 ± 0.3 V, GND = 0 V, fCLK = 3.579545 MHz, Ta = −20 to 85 °C
s
SM8222B
VDD = 5.0 ± 0.5 V, GND = 0 V, fCLK = 3.579545 MHz, Ta = −20 to 85 °C
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Input leakage current
IIN
––1
µA
Input resistance
RIN
TBD
M
DC open loop voltage gain
AVOL
TBD
dB
Unity gain frequency
fC
TBD
MHz
Maximum load capacitance
CL
TBD
pF
Maximum load resistance
RL
50
k
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Input leakage current
IIN
––1
µA
Input resistance
RIN
TBD
M
DC open loop voltage gain
AVOL
TBD
dB
Unity gain frequency
fC
TBD
MHz
Maximum load capacitance
CL
TBD
pF
Maximum load resistance
RL
50
k
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Power-down release to oscillator start
time
tDOSC
–5–
ms
Carrier detect ON time
tDAQ
2.5
10
ms
Final data to carrier detect OFF time
tDCH
3.75
11.25
ms
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Power-down release to oscillator start
time
tDOSC
–5–
ms
Carrier detect ON time
tDAQ
2.5
10
ms
Final data to carrier detect OFF time
tDCH
3.75
11.25
ms


Numéro de pièce similaire - SM8222BP

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM8220 NPC-SM8220 Datasheet
82Kb / 8P
   Calling Number Identification Receiver IC
SM8221 NPC-SM8221 Datasheet
82Kb / 8P
   Calling Number Identification Receiver IC
SM8223A NPC-SM8223A Datasheet
172Kb / 15P
   FSK Decoder and DTMF Receiver IC
SM8224 NPC-SM8224 Datasheet
108Kb / 11P
   Dual-Tone Receiver IC
SM8224B NPC-SM8224B Datasheet
108Kb / 11P
   Dual-Tone Receiver IC
More results

Description similaire - SM8222BP

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PCD3316 PHILIPS-PCD3316 Datasheet
534Kb / 30P
   Caller-ID on Call Waiting CIDCW receiver
11 March 1999
logo
ELAN Microelectronics C...
AG8889 EMC-AG8889 Datasheet
65Kb / 7P
   CALL WAITING DECODER
logo
Holtek Semiconductor In...
HT95168 HOLTEK-HT95168 Datasheet
182Kb / 13P
   Caller ID Telephone IC
logo
ELAN Microelectronics C...
AG8888 EMC-AG8888 Datasheet
65Kb / 7P
   CALL WAITING DECODER
logo
Samsung semiconductor
KS8630D SAMSUNG-KS8630D Datasheet
258Kb / 23P
   ENHANCED CALLING LINE IDENTIFIER WITH CALL WAITING
logo
CML Microcircuits
CMX602A CMLMICRO-CMX602A Datasheet
669Kb / 25P
   Calling Line Identifier plus Call Waiting (Type II)
logo
ELAN Microelectronics C...
EM92547A EMC-EM92547A Datasheet
136Kb / 13P
   CALLER ID FSK DECODER
logo
List of Unclassifed Man...
RTS8505C ETC1-RTS8505C Datasheet
265Kb / 11P
   The RTS8505C is a caller ID integrated chip with call waiting function. An 8-bit microprocessor (6502) has been built in the chip and it provides a co
logo
Integrated Device Techn...
NW6003 IDT-NW6003 Datasheet
306Kb / 21P
   TYPE II CALLER ID DECODER
NW6005AS IDT-NW6005AS Datasheet
313Kb / 20P
   ENHANCED TYPE II CALLER ID DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com