Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD42P1008 Fiches technique(PDF) 11 Page - AUK corp

No de pièce SD42P1008
Description  4Bit Single Chip Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUK [AUK corp]
Site Internet  https:www.auk.co.kr
Logo AUK - AUK corp

SD42P1008 Fiches technique(HTML) 11 Page - AUK corp

Back Button SD42P1008 Datasheet HTML 7Page - AUK corp SD42P1008 Datasheet HTML 8Page - AUK corp SD42P1008 Datasheet HTML 9Page - AUK corp SD42P1008 Datasheet HTML 10Page - AUK corp SD42P1008 Datasheet HTML 11Page - AUK corp SD42P1008 Datasheet HTML 12Page - AUK corp SD42P1008 Datasheet HTML 13Page - AUK corp SD42P1008 Datasheet HTML 14Page - AUK corp SD42P1008 Datasheet HTML 15Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
KSI-W029-000
11
Absolute Maximum Ratings
(TA = 0℃ to 70℃, VDD = 5V ±10%, fx = 4.19MHz)
* RMS values are calculated as peak value x Duty
* Exceeding beyond those listed values under "Absolute Maximum Ratings" may cause permanent
damage to the device.
SD42C/P1008
PARAMETER
SYMBOL
CONDITION
RATING
UNIT
Supply Voltage
-
-0.3 to +7.0
V
Input Voltage
All I/O ports
-0.3 to VDD+0.3
V
Output Voltage
-
-0.3 to VDD+0.3
V
Output Current High
One I/O port active
-15
mA
All I/O ports active
-30
Output Current Low
One I/O port active
Peak Value
+30
-
RMS Value
+15
Total value for ports
Peak Value
+100
mA
P1, P2, P3, P8
RMS Value
+60
Total value for ports
Peak Value
+100
P0, P4, P5, P6
RMS Value
+60
Operating Temperature
-
-40 to +85
Storage Temperature
Tstg
-
-55 to +125
VDD
VI
VO
IOH
IOL
TA


Numéro de pièce similaire - SD42P1008

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
SD42P4404 AUK-SD42P4404 Datasheet
86Kb / 19P
   4Bit Single Chip Microcontroller
SD42P440428SOP AUK-SD42P440428SOP Datasheet
86Kb / 19P
   4Bit Single Chip Microcontroller
SD42P440430SDIP AUK-SD42P440430SDIP Datasheet
86Kb / 19P
   4Bit Single Chip Microcontroller
SD42P440436SSOP AUK-SD42P440436SSOP Datasheet
86Kb / 19P
   4Bit Single Chip Microcontroller
More results

Description similaire - SD42P1008

FabricantNo de pièceFiches techniqueDescription
logo
Daewoo Semiconductor
DMC42C1106 DAEWOO-DMC42C1106 Datasheet
167Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C4008 DAEWOO-DMC42C4008 Datasheet
141Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C1008 DAEWOO-DMC42C1008 Datasheet
135Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C3008 DAEWOO-DMC42C3008 Datasheet
115Kb / 20P
   4Bit Single Chip Microcontroller
logo
AUK corp
SD42C4404 AUK-SD42C4404 Datasheet
86Kb / 19P
   4Bit Single Chip Microcontroller
logo
Daewoo Semiconductor
DMC42C2008 DAEWOO-DMC42C2008 Datasheet
271Kb / 22P
   4Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
W541C200 ETC1-W541C200 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
logo
AUK corp
SD6830 AUK-SD6830 Datasheet
122Kb / 34P
   4BIT MICROCONTROLLER
logo
Integral Corp.
IN5732 INTEGRAL-IN5732 Datasheet
111Kb / 4P
   4BIT SINGLE CHIP MICROCOMPUTER
logo
Hitachi Semiconductor
HD404240S HITACHI-HD404240S Datasheet
3Mb / 67P
   CMOS 4bit single-chip microcomputers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com