Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM6702-30HA Fiches technique(PDF) 4 Page - Nippon Precision Circuits Inc

No de pièce SM6702-30HA
Description  PFM Step-up DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NPC [Nippon Precision Circuits Inc]
Site Internet  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6702-30HA Fiches technique(HTML) 4 Page - Nippon Precision Circuits Inc

  SM6702-30HA Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6702-30HA Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6702-30HA Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6702-30HA Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6702-30HA Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6702-30HA Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6702-30HA Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6702-30HA Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6702-30HA Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SM6702 series
NIPPON PRECISION CIRCUITS—4
SPECIFICATIONS
Absolute Maximum Ratings
Ta = 25 °C
Electrical Characteristics
L = 330 µH, C = 22 µF, Ta = 25 °C, VSS = 0 V
V target : Setting output voltage
P arameter
S y m b o l
Condition
Rating
Unit
LX impressed voltage
V LX
5V
OUT impressed voltage
V OUT
4V
LX output current
ILX
200
m A
P ow er dissipation
P D
SM6702
−××H A
150
mW
SM6702
−××H B
500
O p e rating temperature
Topr
− 20 to 70
°C
Storage temperature
T stg
− 40 to 125
°C
P arameter
S y m b o l
Condition
Rating
Unit
min
typ
m a x
Star t-up voltage
V st
R L = 30 kΩ
0.9
V
Holding voltage
V hold
R L = 3 kΩ
0.7
V
Current consumption
ISS
V IN = 1.5 V, RL = 30 kΩ
–8
1 6
µ A
Output voltage
V OUT
V IN = 1.5 V, RL = 3 kΩ
V target ×
0.975
V target
V target ×
1.025
V
LX output current
ILX
V OUT = V target − 0.1,
V LX = 0.4 V
2.2
≤ V target ≤ 2.7
6 0
mA
2.8
≤ V target ≤ 3.3
8 0
LX leakage current
ILXL
V OUT = V LX = 3.5 V
1
µ A
Maxim um oscillator frequency
fOSC
V OUT = V target − 0.1
80
100
120
k H z
Switch ON duty cycle
Duty
V OUT = V target − 0.1
65
75
85
%
Input voltage range
V IN
––
V target +
0.2
V


Numéro de pièce similaire - SM6702-30HA

FabricantNo de pièceFiches techniqueDescription
logo
M.S. Kennedy Corporatio...
SM6701 MSK-SM6701 Datasheet
96Kb / 1P
   Linear LED Driver With Adjustable Current Up to 180mA
logo
SamHop Microelectronics...
SM6701 SAMHOP-SM6701 Datasheet
96Kb / 1P
   Linear LED Driver With Adjustable Current Up to 180mA
logo
M.S. Kennedy Corporatio...
SM6704 MSK-SM6704 Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
logo
SamHop Microelectronics...
SM6704 SAMHOP-SM6704 Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
logo
M.S. Kennedy Corporatio...
SM6704A MSK-SM6704A Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
More results

Description similaire - SM6702-30HA

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
   STEP-UP PFM DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX Datasheet
131Kb / 15P
   PFM Step-up DC/DC Converter
HT7727A HOLTEK-HT7727A_12 Datasheet
588Kb / 14P
   PFM Step-up DC/DC Converter
HT77XXA HOLTEK-HT77XXA Datasheet
370Kb / 18P
   PFM Step-up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2821 KEXIN-RCR2821 Datasheet
323Kb / 5P
   PFM Step-up DC/DC Converter
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX_07 Datasheet
507Kb / 19P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
CYT2606L ETC2-CYT2606L Datasheet
473Kb / 8P
   PFM Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com