Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC858 Fiches technique(PDF) 3 Page - AUK corp

No de pièce BC858
Description  PNP Silicon Transistor (General purpose application Switching application)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUK [AUK corp]
Site Internet  https:www.auk.co.kr
Logo AUK - AUK corp

BC858 Fiches technique(HTML) 3 Page - AUK corp

  BC858 Datasheet HTML 1Page - AUK corp BC858 Datasheet HTML 2Page - AUK corp BC858 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
KST-2011-000
3
BC858
Electrical Characteristic Curves
Fig. 3 I
C-VCE
Fig. 4 h
FE-IC
Fig. 5 V
CE(sat)-IC
Fig. 2 I
C-VBE
Fig. 1 P
C-Ta


Numéro de pièce similaire - BC858

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BC858 STMICROELECTRONICS-BC858 Datasheet
44Kb / 5P
   SMALL SIGNAL PNP TRANSISTORS
logo
Jiangsu High diode Semi...
BC858 HDSEMI-BC858 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
logo
DONGGUAN YOU FENG WEI E...
BC858 YFWDIODE-BC858 Datasheet
683Kb / 4P
   PNP Transistors
logo
Diodes Incorporated
BC858 DIODES-BC858 Datasheet
269Kb / 4P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
logo
Diotec Semiconductor
BC858 DIOTEC-BC858 Datasheet
99Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
More results

Description similaire - BC858

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
BC858U AUK-BC858U Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC857UF AUK-BC857UF Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
SBT2907F AUK-SBT2907F Datasheet
191Kb / 4P
   PNP Silicon Transistor (General purpose application Switching application)
BC856 AUK-BC856 Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC856F AUK-BC856F Datasheet
91Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC857 AUK-BC857 Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC858UF AUK-BC858UF Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC857F AUK-BC857F Datasheet
91Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC856UF AUK-BC856UF Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC858F AUK-BC858F Datasheet
91Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com