Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC848U Fiches technique(PDF) 3 Page - AUK corp

No de pièce BC848U
Description  NPN Silicon Transistor (General purpose application Switching application)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUK [AUK corp]
Site Internet  https:www.auk.co.kr
Logo AUK - AUK corp

BC848U Fiches technique(HTML) 3 Page - AUK corp

  BC848U Datasheet HTML 1Page - AUK corp BC848U Datasheet HTML 2Page - AUK corp BC848U Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
KST-3021-001
3
BC848U
Electrical Characteristic Curves
Fig. 4 h
FE -IC
Fig. 1 P
C –Ta
Fig. 2 I
C -VBE
Fig. 3 I
C -VCE
Fig. 5 V
CE(sat) -IC


Numéro de pièce similaire - BC848U

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
BC848U KODENSHI-BC848U Datasheet
268Kb / 4P
   General purpose application
logo
First Silicon Co., Ltd
BC848U FS-BC848U Datasheet
290Kb / 5P
   General Purpose Transistor
logo
AUK corp
BC848UF AUK-BC848UF Datasheet
82Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
logo
KODENSHI_AUK CORP.
BC848UF KODENSHI-BC848UF Datasheet
179Kb / 3P
   NPN Silicon Transistor
More results

Description similaire - BC848U

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
BC847 AUK-BC847 Datasheet
87Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC847UF AUK-BC847UF Datasheet
87Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC848UF AUK-BC848UF Datasheet
82Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC846F AUK-BC846F Datasheet
86Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC846 AUK-BC846 Datasheet
86Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC846UF AUK-BC846UF Datasheet
87Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC847U AUK-BC847U Datasheet
86Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC848 AUK-BC848 Datasheet
82Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC848F AUK-BC848F Datasheet
81Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC846U AUK-BC846U Datasheet
86Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com