Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM135 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce LM135
Description  LMx35, LMx35A Precision Temperature Sensors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM135 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button LM135_15 Datasheet HTML 5Page - Texas Instruments LM135_15 Datasheet HTML 6Page - Texas Instruments LM135_15 Datasheet HTML 7Page - Texas Instruments LM135_15 Datasheet HTML 8Page - Texas Instruments LM135_15 Datasheet HTML 9Page - Texas Instruments LM135_15 Datasheet HTML 10Page - Texas Instruments LM135_15 Datasheet HTML 11Page - Texas Instruments LM135_15 Datasheet HTML 12Page - Texas Instruments LM135_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LM135, LM135A, LM235, LM235A, LM335, LM335A
www.ti.com
SNIS160E – MAY 1999 – REVISED FEBRUARY 2015
Feature Description (continued)
T is the unknown temperature in degrees Kelvin
To is a reference temperature in degrees Kelvin
(1)
By calibrating the output to read correctly at one temperature the output at all temperatures is correct. Nominally
the output is calibrated at 10 mV/K.
Calibrate for 2.982V at 25°C
Figure 12. Calibrated Sensor
7.4 Device Functional Modes
The LM135 has two functional modes calibrated and uncalibrated. For optimum accuracy, a one point calibration
is recommended. For more information on calibration, see Temperature Calibration Using ADJ Pin.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A


Numéro de pièce similaire - LM135_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM135A NSC-LM135A Datasheet
867Kb / 16P
   Precision Temperature Sensors
logo
Silicon Supplies
LM135A SS-LM135A Datasheet
1Mb / 10P
   Analog Temperature Sensor
logo
STMicroelectronics
LM135AD STMICROELECTRONICS-LM135AD Datasheet
118Kb / 11P
   PRECISION TEMPERATURE SENSORS
logo
National Semiconductor ...
LM135AH NSC-LM135AH Datasheet
291Kb / 14P
   Precision Temperature Sensors
LM135AH NSC-LM135AH Datasheet
867Kb / 16P
   Precision Temperature Sensors
More results

Description similaire - LM135_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM135 NSC-LM135_08 Datasheet
867Kb / 16P
   Precision Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135_08 Datasheet
574Kb / 16P
   Precision temperature sensors
LM135 STMICROELECTRONICS-LM135 Datasheet
118Kb / 11P
   PRECISION TEMPERATURE SENSORS
logo
National Semiconductor ...
LM135 NSC-LM135 Datasheet
291Kb / 14P
   Precision Temperature Sensors
LM34 NSC-LM34 Datasheet
248Kb / 12P
   Precision Fahrenheit Temperature Sensors
logo
Riedon Powertron
RTDW1N1001 RIEDON-RTDW1N1001 Datasheet
255Kb / 1P
   Precision Wirewound Temperature Sensors
201907_002
logo
National Semiconductor ...
LM34C NSC-LM34C Datasheet
242Kb / 10P
   Precision Fahrenheit Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
   Precision Centigrade Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35 TGS-LM35 Datasheet
451Kb / 10P
   Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35 TI1-LM35_15 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Centigrade Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com