Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ36002 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce LMZ36002
Description  SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LMZ36002 Fiches technique(HTML) 1 Page - Texas Instruments

  LMZ36002_15 Datasheet HTML 1Page - Texas Instruments LMZ36002_15 Datasheet HTML 2Page - Texas Instruments LMZ36002_15 Datasheet HTML 3Page - Texas Instruments LMZ36002_15 Datasheet HTML 4Page - Texas Instruments LMZ36002_15 Datasheet HTML 5Page - Texas Instruments LMZ36002_15 Datasheet HTML 6Page - Texas Instruments LMZ36002_15 Datasheet HTML 7Page - Texas Instruments LMZ36002_15 Datasheet HTML 8Page - Texas Instruments LMZ36002_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
Output Current (A)
PVIN = 24 V
PVIN = 48 V
C001
V
OUT
= 5 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMZ36002
SNVSA92A – SEPTEMBER 2015 – REVISED SEPTEMBER 2015
SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
1 Features
2 Applications
1
Complete Integrated Power Solution Allows
Industrial and Motor Controls
Small Footprint, Low-Profile Design
Automated Test Equipment
10 mm × 10 mm × 4.3 mm Package
Medical and Imaging Equipment
Wide-Output Voltage Adjust (2.5 V to 7.5 V)
High Density Power Systems
Adjustable Switching Frequency
3 Description
(200 kHz to 1 MHz)
The LMZ36002 SIMPLE SWITCHER® power module
Synchronizes to an External Clock
is an easy-to-use integrated power supply that
Automatic PFM Mode for Light Load Efficiency
combines a 2-A DC-DC converter with a shielded
Adjustable Slow-start
inductor and passives into a low profile, QFN
Output Voltage Sequencing / Tracking
package. This total power solution allows as few as
three external components while still leaving the
Power Good Output
ability to adjust key parameters to meet specific
Programmable Undervoltage Lockout (UVLO)
design requirements.
Over-Temperature Thermal Shutdown Protection
The QFN package is easy to solder to a printed
Over-Current Protection (Hiccup Mode)
circuit board, allows reflow profiles up to 260°C, and
Pre-Bias Output Start-Up
has
excellent
power
dissipation
capability.
The
LMZ36002 offers flexibilty with many features and is
Operating Temperature Range: –40°C to 105°C
ideal for powering a wide range of devices and
Enhanced Thermal Performance: 14°C/W
systems.
Meets EN55022 Class B Emissions
– Integrated Shielded Inductor
Device Information(1)
DEVICE NUMBER
PACKAGE
BODY SIZE
LMZ36002
QFN (43)
10.0 mm × 10.0 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Efficiency vs Output Current
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - LMZ36002_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
671Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
More results

Description similaire - LMZ36002_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ34202 TI1-LMZ34202 Datasheet
629Kb / 31P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
LMZ36002 TI-LMZ36002_15 Datasheet
671Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
LMZ36002 TI1-LMZ36002_16 Datasheet
861Kb / 36P
[Old version datasheet]   SIMPLE SWITCHER 4.5V to 60V Input, 2-A Power Module
TPSM846C24 TI1-TPSM846C24 Datasheet
977Kb / 36P
[Old version datasheet]   4.5-V to 15-V Input, 0.5-V to 2-V Output, 35-A Power Module
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002 TI-LM46002_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
logo
Vishay Siliconix
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
logo
Texas Instruments
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
logo
Vishay Siliconix
SIC46X VISHAY-SIC46X Datasheet
1Mb / 29P
   4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A Synchronous Buck Regulators
Rev. K, 16-Apr-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com