Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTB015N10QH8 Fiches technique(PDF) 9 Page - Cystech Electonics Corp.

No de pièce MTB015N10QH8
Description  N-Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB015N10QH8 Fiches technique(HTML) 9 Page - Cystech Electonics Corp.

  MTB015N10QH8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB015N10QH8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB015N10QH8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB015N10QH8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB015N10QH8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB015N10QH8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB015N10QH8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB015N10QH8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB015N10QH8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C141H8
Issued Date : 2015.10.13
Revised Date :
Page No. : 9/9
MTB015N10QH8
CYStek Product Specification
DFN5×6 Dimension
Millimeters
Inches
Millimeters
Inches
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.900
1.000
0.035
0.039
k
1.190
1.390
0.047
0.055
A3
0.254 REF
0.010 REF
b
0.350
0.450
0.014
0.018
D
4.944
5.096
0.195
0.201
e
1.270 TYP.
0.050 TYP.
E
5.974
6.126
0.235
0.241
L
0.559
0.711
0.022
0.028
D1
3.910
4.110
0.154
0.162
L1
0.424
0.576
0.017
0.023
E1
3.375
3.575
0.133
0.141
H
0.574
0.726
0.023
0.029
D2
4.824
4.976
0.190
0.196
θ
10°
12°
10°
12°
E2
5.674
5.826
0.223
0.229
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Marking :
B015
N10Q
Device
Name
Date Code
8-Lead DFN5×6 Plastic Package
CYS Package Code : H8


Numéro de pièce similaire - MTB015N10QH8

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
MTB015N10QQ8 CYSTEKEC-MTB015N10QQ8 Datasheet
511Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Description similaire - MTB015N10QH8

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03H8 CYSTEKEC-MTB02N03H8 Datasheet
345Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com