Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK672-640C-E Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce STK672-640C-E
Description  2-phase Stepping Motor Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-640C-E Fiches technique(HTML) 3 Page - ON Semiconductor

  STK672-640C-E Datasheet HTML 1Page - ON Semiconductor STK672-640C-E Datasheet HTML 2Page - ON Semiconductor STK672-640C-E Datasheet HTML 3Page - ON Semiconductor STK672-640C-E Datasheet HTML 4Page - ON Semiconductor STK672-640C-E Datasheet HTML 5Page - ON Semiconductor STK672-640C-E Datasheet HTML 6Page - ON Semiconductor STK672-640C-E Datasheet HTML 7Page - ON Semiconductor STK672-640C-E Datasheet HTML 8Page - ON Semiconductor STK672-640C-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
STK672-640C-E
No. A2116-3/27
Continued from the previous page.
Parameter
Symbol
Conditions
min
typ
max
unit
5V level input current
IILH
Pins 10, 12, 13, 14, 15, 17=5V
50
75
μA
GND level input current
IILL
Pins 10, 12, 13, 14, 15, 17=GND
10
μA
Vref input bias current
IIB
Pin 19=1.0V
1
μA
PWM frequency
fc
29
45
61
kHz
Overheat detection temperature
TSD
Design guarantee
144
°C
Drain-to-Source leakage current
IDSS
VDS=100V,
Pins 2, 6, 9, and 18=GND
1
μA
* Maximum value of operating supply voltage 1 (VCC) can not supply to STK672-640C-E, depending on motor current
value. Refer to “8. Precautions, etc” of Usage Notes.
*Ioave values are for when the lead frame of the product is soldered to the mounting substrate.
Notes: A fixed-voltage power supply must be used.


Numéro de pièce similaire - STK672-640C-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results

Description similaire - STK672-640C-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com