Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP107 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP107
Description  TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMP107 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TMP107 Datasheet HTML 2Page - Texas Instruments TMP107 Datasheet HTML 3Page - Texas Instruments TMP107 Datasheet HTML 4Page - Texas Instruments TMP107 Datasheet HTML 5Page - Texas Instruments TMP107 Datasheet HTML 6Page - Texas Instruments TMP107 Datasheet HTML 7Page - Texas Instruments TMP107 Datasheet HTML 8Page - Texas Instruments TMP107 Datasheet HTML 9Page - Texas Instruments TMP107 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
TMP107-Q1
SBOS726A – OCTOBER 2015 – REVISED OCTOBER 2015
www.ti.com
7.5 Electrical Characteristics
At TA = –55°C to 125°C and V+ = +1.7 V to +5.5 V (unless otherwise noted). Typical values at TA = 25°C and V+ = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Temperature range
–55
125
°C
Temperature resolution
0.015625
°C
–20°C to +70°C; one-shot mode, bus inactive
±0.125
±0.4
–40°C to +100°C; one-shot mode, bus
±0.125
±0.55
Temperature accuracy (error) inactive
°C
–55°C to +125°C; one-shot mode, bus
±0.5
±0.7
inactive
ADC resolution
14
Bits
DIGITAL OUTPUT (ALERT1, ALERT2)
VOL
Low-level output voltage
IOUT = –1 mA
0
0.02
0.4
V
High-level output leakage
IOH
VO = V+
0.1
1
μA
current
RPU
Pullup resistors
75
100
125
k
Ω
DIGITAL INPUT/OUTPUT (I/O1, I/O2)
VIH
High-level input voltage
0.7 (V+)
(V+) + 0.3
V
VIL
Low-level input voltage
–0.3
0.3 (V+)
V
IIN
Input current
0 V < VIN < (V+) + 0.3 V
–1
1
μA
VOL
Low-level output voltage
IOUT = –1 mA
0
0.1
0.4
V
VOH
High-level output voltage
IOUT = 1 mA
(V+) – 0.4
(V+) – 0.1
V+
V
Short-circuit I/O1 and I/O2 to ground or V+,
Short-circuit current
60
mA
V+ = 5 V
DEVICE TIMING
Conversion time
One-shot mode
12
15
18
ms
Conversion rate
Programmable
1/16
62
Conv/s
Any communication
35
40
ms
Device timeout time
Global address-initialize command
1
1.25
s
EEPROM
Programming time
V+ > 1.8 V
7
ms
Number of writes
V+ > 1.8 V
1000
100,000
Times
Data retention time
10
Years
POWER SUPPLY
1.7
3.3
5.5
V
V+
Operating supply range
EEPROM write
1.8
3.3
5.5
V
ADC conversion on,
200
400
SMAART wire bus inactive
ADC conversion on, SMAART wire bus active
300
(bus baud rate = 57.6 kBd)
IQ
Quiescent current
ADC conversion off, SMAART wire bus active
μA
100
(bus baud rate = 57.6 kBd)
1 conversion per second average,
16
35
SMAART wire bus inactive
EEPROM write (ADC conversion off)
400
ISD
Shutdown current
SMAART wire bus inactive (I/O1, I/O2 = V+)
3.8
10
μA
Power-on reset voltage
Supply voltage rising
1.4
V
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMP107-Q1


Numéro de pièce similaire - TMP107

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP107 TI-TMP107 Datasheet
971Kb / 40P
[Old version datasheet]   TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
TMP1075 TI1-TMP1075 Datasheet
338Kb / 26P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075 Datasheet
978Kb / 30P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075 Datasheet
1,009Kb / 31P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075 Datasheet
2Mb / 40P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
More results

Description similaire - TMP107

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP107 TI-TMP107 Datasheet
971Kb / 40P
[Old version datasheet]   TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
TMP126-Q1 TI-TMP126-Q1_V02 Datasheet
2Mb / 53P
[Old version datasheet]   TMP126-Q1 Automotive Grade, 0.25 째C SPI Temperature Sensor With 175 째C Operation, CRC and Slew Rate Alert
MARCH 2022
logo
STMicroelectronics
STEVAL-IKM001V1 STMICROELECTRONICS-STEVAL-IKM001V1 Datasheet
84Kb / 3P
   SPI with daisy-chain feature
EVAL6472H STMICROELECTRONICS-EVAL6472H Datasheet
1Mb / 11P
   SPI with daisy chain feature
logo
Texas Instruments
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
logo
Linear Technology
LTC2996 LINER-LTC2996_15 Datasheet
236Kb / 16P
   Temperature Sensor with Alert Outputs
logo
Texas Instruments
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
logo
ON Semiconductor
CM6100 ONSEMI-CM6100 Datasheet
100Kb / 6P
   0.4mm Pitch Daisy Chain
May 2010 Rev. 6
logo
Texas Instruments
TMP100 TI-TMP100_15 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com