Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP107BID Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP107BID
Description  TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMP107BID Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TMP107BID Datasheet HTML 2Page - Texas Instruments TMP107BID Datasheet HTML 3Page - Texas Instruments TMP107BID Datasheet HTML 4Page - Texas Instruments TMP107BID Datasheet HTML 5Page - Texas Instruments TMP107BID Datasheet HTML 6Page - Texas Instruments TMP107BID Datasheet HTML 7Page - Texas Instruments TMP107BID Datasheet HTML 8Page - Texas Instruments TMP107BID Datasheet HTML 9Page - Texas Instruments TMP107BID Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
VIH
VIL
tRISE
tJITTER
tJITTER
tSKEW
tSKEW
tBAUD
tBAUD
tFALL
From Host to TMP107
From TMP107 to Host
or
From TMP107 to Next
TMP107 in Daisy-Chain
tJITTER
tJITTER
tRISE
tFALL
VIH
VIL
TMP107
SBOS716B – MAY 2015 – REVISED SEPTEMBER 2015
www.ti.com
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
FROM HOST TO THE TMP107
1/tBAUD
SMAART bus baud rate
4.8
115.4
kBd
tRISE + tJITTER
SMAART bus transition from low to high + edge timing variance
15 % of (1/baud)
tFALL + tJITTER
SMAART bus transition from high to low + edge timing variance
15 % of (1/baud)
FROM THE TMP107 TO HOST OR NEXT TMP107 IN DAISY-CHAIN
tJITTER
Edge timing variance
1
µs
tSKEW
Average phase shift between IO1 and IO2
33
ns
tRISE
SMAART bus transition from low to high, 10-pF load
10
ns
tFALL
SMAART bus transition from high to low, 10-pF load
10
ns
Figure 1. Timing Diagram
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMP107


Numéro de pièce similaire - TMP107BID

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP107BQDQ1 TI-TMP107BQDQ1 Datasheet
431Kb / 39P
[Old version datasheet]   TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
TMP107BQDRQ1 TI-TMP107BQDRQ1 Datasheet
431Kb / 39P
[Old version datasheet]   TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
More results

Description similaire - TMP107BID

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP107-Q1 TI-TMP107-Q1 Datasheet
431Kb / 39P
[Old version datasheet]   TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
TMP144 TI1-TMP144 Datasheet
413Kb / 27P
[Old version datasheet]   Low-Power, Digital Temperature Sensor With SMAART Wire / UART Interface
TMP144 TI-TMP144_V02 Datasheet
2Mb / 37P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V01 Datasheet
1Mb / 37P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V03 Datasheet
1Mb / 41P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire™ / UART Interface
REVISED SEPTEMBER 2023
BQ2028 TI-BQ2028 Datasheet
892Kb / 26P
[Old version datasheet]   4Kb EEPROM with Single-Wire HDQ Interface and Temperature Sensor
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com