Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP75BIDGKT Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP75BIDGKT
Description  TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMP75BIDGKT Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TMP75BIDGKT Datasheet HTML 2Page - Texas Instruments TMP75BIDGKT Datasheet HTML 3Page - Texas Instruments TMP75BIDGKT Datasheet HTML 4Page - Texas Instruments TMP75BIDGKT Datasheet HTML 5Page - Texas Instruments TMP75BIDGKT Datasheet HTML 6Page - Texas Instruments TMP75BIDGKT Datasheet HTML 7Page - Texas Instruments TMP75BIDGKT Datasheet HTML 8Page - Texas Instruments TMP75BIDGKT Datasheet HTML 9Page - Texas Instruments TMP75BIDGKT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Temperature Error (
SC)
C006
±3
±2
±1
0
1
2
3
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
Mean
Mean - 6
Mean + 6
C005
20
21
22
23
24
25
26
27
28
29
30
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
Vs = 1.4V
Vs = 1.8V
Vs = 3.6V
C003
0
25
50
75
100
125
150
175
200
10
100
1000
10000
Bus Frequency (kHz)
Ta = -Û&
7D Û&
7D Û&
C004
0
10
20
30
40
50
60
70
80
90
100
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
CR = '0h'
CR = '1h'
CR = '2h'
CR = '3h'
C001
0
1
2
3
4
5
6
7
8
9
10
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
Vs = 1.4V
Vs = 1.8V
Vs = 3.6V
C002
TMP75B
SBOS706B – APRIL 2014 – REVISED AUGUST 2014
www.ti.com
6.6 Typical Characteristics
At TA = 25°C and VS = +1.8 V (unless otherwise noted).
Figure 1. Quiescent Current vs Temperature
Figure 2. Shutdown Current vs Temperature
Figure 3. Conversion Time vs Temperature
Figure 4. Quiescent Current vs Bus Frequency
Figure 6. Temperature Error at 25°C
Figure 5. Temperature Error vs Temperature
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TMP75B


Numéro de pièce similaire - TMP75BIDGKT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BQDGKRQ1 TI-TMP75BQDGKRQ1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BQDGKTQ1 TI-TMP75BQDGKTQ1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BQDQ1 TI-TMP75BQDQ1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BQDRQ1 TI-TMP75BQDRQ1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
More results

Description similaire - TMP75BIDGKT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C TI-TMP75C Datasheet
980Kb / 31P
[Old version datasheet]   TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com